Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 280 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 280 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 276Page - Microsemi Corporation AFS600 Datasheet HTML 277Page - Microsemi Corporation AFS600 Datasheet HTML 278Page - Microsemi Corporation AFS600 Datasheet HTML 279Page - Microsemi Corporation AFS600 Datasheet HTML 280Page - Microsemi Corporation AFS600 Datasheet HTML 281Page - Microsemi Corporation AFS600 Datasheet HTML 282Page - Microsemi Corporation AFS600 Datasheet HTML 283Page - Microsemi Corporation AFS600 Datasheet HTML 284Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 334 page
background image
DC and Power Characteristics
3- 30
R e visio n 2
PLL/CCC Contribution—PPLL
PLL is not used in this application.
PPLL = 0 W
Nonvolatile Memory—PNVM
Nonvolatile memory is not used in this application.
PNVM = 0 W
Crystal Oscillator—PXTL-OSC
The application utilizes standby mode. The crystal oscillator is assumed to be active.
Operating Mode
PXTL-OSC = PAC18
PXTL-OSC = 0.63 mW
Standby Mode
PXTL-OSC = PAC18
PXTL-OSC = 0.63 mW
Sleep Mode
PXTL-OSC = 0 W
RC Oscillator—PRC-OSC
Operating Mode
PRC-OSC = PAC19
PRC-OSC = 3.30 mW
Standby Mode and Sleep Mode
PRC-OSC = 0 W
Analog System—PAB
Number of Quads used: NQUADS = 4
Operating Mode
PAB = PAC20
PAB = 3.00 mW
Standby Mode and Sleep Mode
PAB = 0 W
Total Dynamic Power Consumption—PDYN
Operating Mode
PDYN = PCLOCK + PS-CELL + PC-CELL + PNET + PINPUTS + POUTPUTS + PMEMORY + PPLL + PNVM+
PXTL-OSC + PRC-OSC + PAB
PDYN = 41.28 mW + 21.1 mW + 4.35 mW + 19.25 mW + 1.30 mW + 47.47 mW + 1.38 mW + 0 + 0 +
0.63 mW + 3.30 mW + 3.00 mW
PDYN = 143.06 mW
Standby Mode
PDYN = PXTL-OSC
PDYN = 0.63 mW
Sleep Mode
PDYN = 0 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com