Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 281 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 281 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 277Page - Microsemi Corporation AFS600 Datasheet HTML 278Page - Microsemi Corporation AFS600 Datasheet HTML 279Page - Microsemi Corporation AFS600 Datasheet HTML 280Page - Microsemi Corporation AFS600 Datasheet HTML 281Page - Microsemi Corporation AFS600 Datasheet HTML 282Page - Microsemi Corporation AFS600 Datasheet HTML 283Page - Microsemi Corporation AFS600 Datasheet HTML 284Page - Microsemi Corporation AFS600 Datasheet HTML 285Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 - 31
Total Static Power Consumption—PSTAT
Number of Quads used: NQUADS = 4
Number of NVM blocks available (AFS600): NNVM-BLOCKS = 2
Number of input pins used: NINPUTS = 30
Number of output pins used: NOUTPUTS = 40
Operating Mode
PSTAT = PDC1 + (NNVM-BLOCKS * PDC4) + PDC5 + (NQUADS * PDC6) + (NINPUTS * PDC7) +
(NOUTPUTS * PDC8)
PSTAT = 7.50 mW + (2 * 1.19 mW) + 8.25 mW + (4 * 3.30 mW) + (30 * 0.00) + (40 * 0.00)
PSTAT = 31.33 mW
Standby Mode
PSTAT = PDC2
PSTAT = 0.03 mW
Sleep Mode
PSTAT = PDC3
PSTAT = 0.03 mW
Total Power Consumption—PTOTAL
In operating mode, the total power consumption of the device is 174.39 mW:
PTOTAL = PSTAT + PDYN
PTOTAL = 143.06 mW + 31.33 mW
PTOTAL = 174.39 mW
In standby mode, the total power consumption of the device is limited to 0.66 mW:
PTOTAL = PSTAT + PDYN
PTOTAL = 0.03 mW + 0.63 mW
PTOTAL = 0.66 mW
In sleep mode, the total power consumption of the device drops as low as 0.03 mW:
PTOTAL = PSTAT + PDYN
PTOTAL = 0.03 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com