Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 330 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 330 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 326Page - Microsemi Corporation AFS600 Datasheet HTML 327Page - Microsemi Corporation AFS600 Datasheet HTML 328Page - Microsemi Corporation AFS600 Datasheet HTML 329Page - Microsemi Corporation AFS600 Datasheet HTML 330Page - Microsemi Corporation AFS600 Datasheet HTML 331Page - Microsemi Corporation AFS600 Datasheet HTML 332Page - Microsemi Corporation AFS600 Datasheet HTML 333Page - Microsemi Corporation AFS600 Datasheet HTML 334Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 330 / 334 page
background image
Datasheet Information
5- 14
R e visio n 2
Advance v0.3
(continued)
Figure 2-76 • Gate Driver Example was updated.
2-95
The "Analog Quad ACM Description" section was updated.
2-130
Information about the maximum pad input frequency was added to the "Gate Driver"
section.
2-94
Figure 2-65 • Analog Block Macro was updated.
2-81
Figure 2-65 • Analog Block Macro was updated.
2-81
The "Analog Quad" section was updated.
2-84
The "Voltage Monitor" section was updated.
2-86
The "Direct Digital Input" section was updated.
2-89
The "Current Monitor" section was updated.
2-90
Information about the maximum pad input frequency was added to the "Gate Driver"
section.
2-94
The "Temperature Monitor" section was updated.
2-96
EQ 2 is new.
2-103
The "ADC Description" section was updated.
2-102
Figure 2-16 • Fusion Clocking Options was updated.
2-20
Table 2-46 · Analog Channel Specifications was updated.
2-118
The notes in Table 2-72 • Fusion Standard and Advanced I/O – Hot-Swap and 5 V
Input Tolerance Capabilities were updated.
2-144
The "Simultaneously Switching Outputs and PCB Layout" section is new.
2-149
LVPECL and LVDS were updated in Table 2-81 • Fusion Standard and Advanced I/O
Attributes vs. I/O Standard Applications.
2-157
LVPECL and LVDS were updated in Table 2-82 • Fusion Pro I/O Attributes vs. I/O
Standard Applications.
2-158
The "Timing Model" was updated.
2-161
All voltage-referenced Minimum and Maximum DC Input and Output Level tables
were updated.
N/A
All Timing Characteristic tables were updated
N/A
Table 2-83 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions was updated.
2-165
Table 2-79 • Summary of I/O Timing Characteristics – Software Default Settings
was updated.
2-134
Table 2-93 • I/O Output Buffer Maximum Resistances 1 was updated.
2-171
The "BLVDS/M-LVDS" section is new. BLVDS and M-LVDS are two new I/O
standards included in the datasheet.
2-211
The "CoreMP7 and Cortex-M1 Software Tools" section is new.
2-257
Table 2-83 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions was updated.
2-165
Table 2-79 • Summary of I/O Timing Characteristics – Software Default Settings
was updated.
2-134
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com