Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 329 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 329 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 325Page - Microsemi Corporation AFS600 Datasheet HTML 326Page - Microsemi Corporation AFS600 Datasheet HTML 327Page - Microsemi Corporation AFS600 Datasheet HTML 328Page - Microsemi Corporation AFS600 Datasheet HTML 329Page - Microsemi Corporation AFS600 Datasheet HTML 330Page - Microsemi Corporation AFS600 Datasheet HTML 331Page - Microsemi Corporation AFS600 Datasheet HTML 332Page - Microsemi Corporation AFS600 Datasheet HTML 333Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
5 - 13
Advanced v0.6
(continued)
The "VCCNVM Flash Memory Block Power Supply (1.5 V)" section was updated to
include information about avoiding high current draw.
2-224
The "VMVx I/O Supply Voltage (quiet)" section was updated to include this
statement: VMV and VCCI must be connected to the same power supply and VCCI
pins within a given I/O bank.
2-185
The "PUB Push Button" section was updated to include information about leaving
the pin floating if it is not used.
2-228
The "PTBASE Pass Transistor Base" section was updated to include information
about leaving the pin floating if it is not used.
2-228
The "PTEM Pass Transistor Emitter" section was updated to include information
about leaving the pin floating if it is not used.
2-228
The heading was incorrect in the "208-Pin PQFP" table. It should be AFS250 and not
AFS090.
3-8
Advance v0.5
(June 2006)
The low power modes of operation were updated and clarified.
N/A
The AFS1500 digital I/O count was updated in Table 1 • Fusion Family.
i
The AFS1500 digital I/O count was updated in the "Package I/Os: Single-/Double-
Ended (Analog)" table.
ii
The "Voltage Regulator Power Supply Monitor (VRPSM)" was updated.
2-36
Figure 2-45 • FlashROM Timing Diagram was updated.
2-53
The "256-Pin FBGA" table for the AFS1500 is new.
3-12
Advance v0.4
(April 2006)
The G was moved in the "Product Ordering Codes" section.
III
Advance v0.3
(April 2006)
The "Features and Benefits" section was updated.
I
The "Fusion Family" table was updated.
I
The "Package I/Os: Single-/Double-Ended (Analog)" table was updated.
II
The "Product Ordering Codes" table was updated.
III
The "Temperature Grade Offerings" table was updated.
IV
The "General Description" section was updated to include ARM information.
1-1
Figure 2-46 • FlashROM Timing Diagram was updated.
2-58
The "FlashROM" section was updated.
2-57
The "RESET" section was updated.
2-61
The "RESET" section was updated.
2-64
Figure 2-27 · Real-Time Counter System was updated.
2-35
Table 2-19 • Flash Memory Block Pin Names was updated.
2-43
Figure 2-33 • Flash Memory Block Diagram was updated to include AUX block
information.
2-45
Figure 2-34 • Flash Memory Block Organization was updated to include AUX block
information.
2-46
The note in the "Program Operation" section was updated.
2-48
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com