Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 326 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 326 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 322Page - Microsemi Corporation AFS600 Datasheet HTML 323Page - Microsemi Corporation AFS600 Datasheet HTML 324Page - Microsemi Corporation AFS600 Datasheet HTML 325Page - Microsemi Corporation AFS600 Datasheet HTML 326Page - Microsemi Corporation AFS600 Datasheet HTML 327Page - Microsemi Corporation AFS600 Datasheet HTML 328Page - Microsemi Corporation AFS600 Datasheet HTML 329Page - Microsemi Corporation AFS600 Datasheet HTML 330Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 334 page
background image
Datasheet Information
5- 10
R e visio n 2
Advance v0.9
(continued)
In the "484-Pin FBGA" table, the function changed from VCC33ACAP to VCC33A for the
following pins:
AFS600: AB18
AFS1500: AB18
3-20
In the "676-Pin FBGA" table, the function changed from VCC33ACAP to VCC33A for the
following pins:
AFS1500: AD20
3-28
Advance v0.8
(June 2007)
Figure 2-16 • Fusion Clocking Options and the "RC Oscillator" section were updated
to change GND_OSC and VCC_OSC to GNDOSC and VCCOSC.
2-20, 2-21
Figure 2-19 • Fusion CCC Options: Global Buffers with the PLL Macro was updated
to change the positions of OADIVRST and OADIVHALF, and a note was added.
2-25
The "Crystal Oscillator" section was updated to include information about controlling
and enabling/disabling the crystal oscillator.
2-22
Table 2-11 · Electrical Characteristics of the Crystal Oscillator was updated to
change the typical value of IDYNXTAL for 0.032–0.2 MHz to 0.19.
2-24
The "1.5 V Voltage Regulator" section was updated to add "or floating" in the
paragraph stating that an external pull-down is required on TRST to power down the
VR.
2-41
The "1.5 V Voltage Regulator" section was updated to include information on
powering down with the VR.
2-41
This sentence was updated in the "No-Glitch MUX (NGMUX)" section to delete GLA:
The GLMUXCFG[1:0] configuration bits determine the source of the CLK inputs (i.e.,
internal signal or GLC).
2-32
In Table 2-13 • NGMUX Configuration and Selection Table, 10 and 11 were deleted.
2-32
The method to enable sleep mode was updated for bit 0 in Table 2-16 • RTC
Control/Status Register.
2-38
S2 was changed to D2 in Figure 2-39 • Read Waveform (Pipe Mode, 32-bit access)
for RD[31:0] was updated.
2-51
The definitions for bits 2 and 3 were updated in Table 2-24 • Page Status Bit
Definition.
2-52
Figure 2-46 • FlashROM Timing Diagram was updated.
2-58
Table 2-26 • FlashROM Access Time is new.
2-58
Figure 2-55 • Write Access After Write onto Same Address, Figure 2-56 • Read
Access After Write onto Same Address, and Figure 2-57 • Write Access After Read
onto Same Address are new.
2-68–
2-70
Table 2-31 • RAM4K9 and Table 2-32 • RAM512X18 were updated.
2-71, 2-72
The VAREF and SAMPLE functions were updated in Table 2-36 • Analog Block Pin
Description.
2-82
The title of Figure 2-72 • Timing Diagram for Current Monitor Strobe was updated to
add the word "positive."
2-91
The "Gate Driver" section was updated to give information about the switching rate
in High Current Drive mode.
2-94
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com