Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 178 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 178 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 174Page - Microsemi Corporation AFS600 Datasheet HTML 175Page - Microsemi Corporation AFS600 Datasheet HTML 176Page - Microsemi Corporation AFS600 Datasheet HTML 177Page - Microsemi Corporation AFS600 Datasheet HTML 178Page - Microsemi Corporation AFS600 Datasheet HTML 179Page - Microsemi Corporation AFS600 Datasheet HTML 180Page - Microsemi Corporation AFS600 Datasheet HTML 181Page - Microsemi Corporation AFS600 Datasheet HTML 182Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 334 page
background image
Device Architecture
2- 16 2
R e v isio n 2
User I/O Characteristics
Timing Model
Figure 2-113 • Timing Model
Operating Conditions: –2 Speed, Commercial Temperature Range (TJ =70°C),
Worst-Case VCC = 1.425 V
DQ
Y
Y
DQ
DQ
DQ
Y
Combinational Cell
Combinational Cell
Combinational Cell
Register Cell
Register Cell
I/O Module
(Non-Registered)
LVPECL (Pro IO banks)
LVPECL
(Pro IO Banks)
LVDS,
BLVDS,
M-LVDS (Pro IO Banks)
GTL+ 3.3 V
Y
Combinational Cell
Y
Combinational Cell
Y
Combinational Cell
LVTTL/LVCMOS 3.3 V (Pro I/O banks)
Output drive strength = 24 mA
High slew rate
LVCMOS 1.5 V (Pro IO banks)
Output drive strength = 12 mA
High slew
LVTTL/LVCMOS 3.3 V (Pro I/O banks)
Output drive strength = 12 mA
High slew rate
IInput LVTTL/LVCMOS
3.3 V (Pro IO banks)
Input LVTTL/LVCMOS
3.3 V (Pro IO banks)
Input LVTTL/LVCMOS
3.3 V (Pro IO banks)
I/O Module
(Non-Registered)
I/O Module
(Non-Registered)
I/O Module
(Non-Registered)
I/O Module
(Registered)
I/O Module
(Registered)
I/O Module
(Non-Registered)
tPD = 0.56 ns
tPD = 0.49 ns
tDp = 1.60 ns
tPD = 0.87 ns
tDP = 2.74 ns
tPD = 0.51 ns
tPD = 0.47 ns
tPD = 0.47 ns
tOCLKQ = 0.59 ns
tOSUD = 0.31 ns
tPY = 0.90 ns
tDP = 1.53 ns
tDP = 3.30 ns
tDP = 2.39 ns
tCLKQ = 0.55 ns
tSUD = 0.43 ns
tPY = 0.90 ns
tCLKQ = 0.55 ns
tSUD = 0.43 ns
tPY = 1.36 ns
tPY = 0.90 ns
tPY = 1.22 ns
tICLKQ = 0.24 ns
tISUD = 0.26 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com