Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 175 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 175 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 171Page - Microsemi Corporation AFS600 Datasheet HTML 172Page - Microsemi Corporation AFS600 Datasheet HTML 173Page - Microsemi Corporation AFS600 Datasheet HTML 174Page - Microsemi Corporation AFS600 Datasheet HTML 175Page - Microsemi Corporation AFS600 Datasheet HTML 176Page - Microsemi Corporation AFS600 Datasheet HTML 177Page - Microsemi Corporation AFS600 Datasheet HTML 178Page - Microsemi Corporation AFS600 Datasheet HTML 179Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 159
Table 2-85 • Fusion Pro I/O Attributes vs. I/O Standard Applications
I/O Standards
LVTTL/LVCMOS 3.3 V
✓✓
✓
✓
✓
✓
✓
✓
✓
✓
LVCMOS 2.5 V
✓✓
✓
✓
✓
✓
✓
✓
✓
✓
LVCMOS 2.5/5.0 V
✓✓
✓
✓
✓
✓
✓
✓
✓
✓
LVCMOS 1.8 V
✓✓
✓
✓
✓
✓
✓
✓
✓
✓
LVCMOS 1.5 V
✓✓
✓
✓
✓
✓
✓
✓
✓
✓
PCI (3.3 V)
✓✓
✓
✓
✓
PCI-X (3.3 V)
✓✓
✓
✓
✓
✓
GTL+ (3.3 V)
✓✓
✓
✓
✓
✓
GTL+ (2.5 V)
✓✓
✓
✓
✓
✓
GTL (3.3 V)
✓✓
✓
✓
✓
✓
GTL (2.5 V)
✓✓
✓
✓
✓
✓
HSTL Class I
✓✓
✓
✓
✓
✓
HSTL Class II
✓✓
✓
✓
✓
✓
SSTL2 Class I and II
✓✓
✓
✓
✓
✓
SSTL3 Class I and II
✓✓
✓
✓
✓
✓
LVDS, BLVDS, M-LVDS
✓✓
✓
✓
✓
LVPECL
✓✓
✓
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com