| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AFS600 Datasheet(PDF) 176 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS600 Datasheet(HTML) 176 Page - Microsemi Corporation |
|
176 / 334 page ![]() Device Architecture 2- 16 0 R e v isio n 2 User I/O Naming Convention Due to the comprehensive and flexible nature of Fusion device user I/Os, a naming scheme is used to show the details of the I/O (Figure 2-111 on page 2-160 and Figure 2-112 on page 2-161). The name identifies to which I/O bank it belongs, as well as the pairing and pin polarity for differential I/Os. I/O Nomenclature = Gmn/IOuxwByVz Gmn is only used for I/Os that also have CCC access—i.e., global pins. G = Global m = Global pin location associated with each CCC on the device: A (northwest corner), B (northeast corner), C (east middle), D (southeast corner), E (southwest corner), and F (west middle). n = Global input MUX and pin number of the associated Global location m, either A0, A1, A2, B0, B1, B2, C0, C1, or C2. Figure 2-22 on page 2-27 shows the three input pins per clock source MUX at CCC location m. u = I/O pair number in the bank, starting at 00 from the northwest I/O bank and proceeding in a clockwise direction. x = P (Positive) or N (Negative) for differential pairs, or R (Regular – single-ended) for the I/Os that support single- ended and voltage-referenced I/O standards only. U (Positive-LVDS only) or V (Negative-LVDS only) restrict the I/O differential pair from being selected as an LVPECL pair. w = D (Differential Pair), P (Pair), or S (Single-Ended). D (Differential Pair) if both members of the pair are bonded out to adjacent pins or are separated only by one GND or NC pin; P (Pair) if both members of the pair are bonded out but do not meet the adjacency requirement; or S (Single-Ended) if the I/O pair is not bonded out. For Differential (D) pairs, adjacency for ball grid packages means only vertical or horizontal. Diagonal adjacency does not meet the requirements for a true differential pair. B = Bank y = Bank number (0–3). The Bank number starts at 0 from the northwest I/O bank and proceeds in a clockwise direction. V = Reference voltage z = Minibank number Figure 2-111 • Naming Conventions of Fusion Devices with Three Digital I/O Banks CCC "A" CCC "E" CCC/PLL "F" CCC "B" CCC "D" CCC "C" AFS090 Standard I/O Bank Analog Quads AFS250 Bank 3 Bank 3 Bank 1 Bank 1 Bank 2 (analog) Bank 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |