Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MK10DX32VMP5 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

No. de pieza MK10DX32VMP5
Descripción Electrónicos  K10 Sub-Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10DX32VMP5 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MK10DX32VMP5 Datasheet HTML 23Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 24Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 25Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 26Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 27Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 28Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 29Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 30Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Table 13. MCG specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
Jacc_pll
PLL accumulated jitter over 1µs (RMS)
• fvco = 48 MHz
• fvco = 100 MHz
—
—
1350
600
—
—
ps
ps
8
Dlock
Lock entry frequency tolerance
± 1.49
—
± 2.98
%
Dunl
Lock exit frequency tolerance
± 4.47
—
± 5.97
%
tpll_lock
Lock detector detection time
—
—
150 × 10-6
+ 1075(1/
fpll_ref)
s
9
1. This parameter is measured with the internal reference (slow clock) being used as a reference to the FLL (FEI clock
mode).
2. These typical values listed are with the slow internal reference clock (FEI) using factory trim and DMX32=0.
3. The resulting system clock frequencies should not exceed their maximum specified values. The DCO frequency deviation
(
Δfdco_t) over voltage and temperature should be considered.
4. These typical values listed are with the slow internal reference clock (FEI) using factory trim and DMX32=1.
5. The resulting clock frequency must not exceed the maximum specified clock frequency of the device.
6. This specification applies to any time the FLL reference source or reference divider is changed, trim value is changed,
DMX32 bit is changed, DRS bits are changed, or changing from FLL disabled (BLPE, BLPI) to FLL enabled (FEI, FEE,
FBE, FBI). If a crystal/resonator is being used as the reference, this specification assumes it is already running.
7. Excludes any oscillator currents that are also consuming power while PLL is in operation.
8. This specification was obtained using a Freescale developed PCB. PLL jitter is dependent on the noise characteristics of
each PCB and results will vary.
9. This specification applies to any time the PLL VCO divider or reference divider is changed, or changing from PLL disabled
(BLPE, BLPI) to PLL enabled (PBE, PEE). If a crystal/resonator is being used as the reference, this specification assumes
it is already running.
6.3.2 Oscillator electrical specifications
This section provides the electrical characteristics of the module.
6.3.2.1 Oscillator DC electrical specifications
Table 14. Oscillator DC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VDD
Supply voltage
1.71
—
3.6
V
IDDOSC
Supply current — low-power mode (HGO=0)
• 32 kHz
• 4 MHz
• 8 MHz (RANGE=01)
• 16 MHz
• 24 MHz
• 32 MHz
—
—
—
—
—
—
500
200
300
950
1.2
1.5
—
—
—
—
—
—
nA
μA
μA
μA
mA
mA
1
Table continues on the next page...
Peripheral operating requirements and behaviors
K10 Sub-Family Data Sheet, Rev. 4 5/2012.
Freescale Semiconductor, Inc.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com