Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MK10DX32VMP5 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

No. de pieza MK10DX32VMP5
Descripción Electrónicos  K10 Sub-Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10DX32VMP5 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MK10DX32VMP5 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 15Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 16Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 17Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 18Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 19Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 20Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 21Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
Figure 3. VLPR mode supply current vs. core frequency
5.2.6 EMC radiated emissions operating behaviors
Table 7. EMC radiated emissions operating behaviors for 64LQFP
Symbol
Description
Frequency
band (MHz)
Typ.
Unit
Notes
VRE1
Radiated emissions voltage, band 1
0.15–50
19
dBμV
1 , 2
VRE2
Radiated emissions voltage, band 2
50–150
21
dBμV
VRE3
Radiated emissions voltage, band 3
150–500
19
dBμV
VRE4
Radiated emissions voltage, band 4
500–1000
11
dBμV
VRE_IEC
IEC level
0.15–1000
L
—
2, 3
1. Determined according to IEC Standard 61967-1, Integrated Circuits - Measurement of Electromagnetic Emissions, 150
kHz to 1 GHz Part 1: General Conditions and Definitions and IEC Standard 61967-2, Integrated Circuits - Measurement of
Electromagnetic Emissions, 150 kHz to 1 GHz Part 2: Measurement of Radiated Emissions—TEM Cell and Wideband
TEM Cell Method. Measurements were made while the microcontroller was running basic application code. The reported
General
K10 Sub-Family Data Sheet, Rev. 4 5/2012.
18
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com