Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MK10DX32VMP5 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

No. de pieza MK10DX32VMP5
Descripción Electrónicos  K10 Sub-Family
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10DX32VMP5 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MK10DX32VMP5 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 15Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 16Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 17Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 18Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 19Page - Freescale Semiconductor, Inc MK10DX32VMP5 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Table 6. Power consumption operating behaviors (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDD_VLLS0 Very low-leakage stop mode 0 current at 3.0 V
with POR detect circuit disabled
• @ –40 to 25°C
• @ 70°C
• @ 105°C
—
—
—
0.176
2.2
13
0.859
13.1
23.9
μA
μA
μA
IDD_VBAT Average current with RTC and 32kHz disabled at
3.0 V
• @ –40 to 25°C
• @ 70°C
• @ 105°C
—
—
—
0.19
0.49
2.2
0.22
0.64
3.2
μA
μA
μA
IDD_VBAT Average current when CPU is not accessing
RTC registers
• @ 1.8V
• @ –40 to 25°C
• @ 70°C
• @ 105°C
• @ 3.0V
• @ –40 to 25°C
• @ 70°C
• @ 105°C
—
—
—
—
—
—
0.57
0.90
2.4
0.67
1.0
2.7
0.67
1.2
3.5
0.94
1.4
3.9
μA
μA
μA
μA
μA
μA
9
1. The analog supply current is the sum of the active or disabled current for each of the analog modules on the device. See
each module's specification for its supply current.
2. 50MHz core and system clock, 25MHz bus clock, and 25MHz flash clock . MCG configured for FEI mode. All peripheral
clocks disabled.
3. 50MHz core and system clock, 25MHz bus clock, and 25MHz flash clock. MCG configured for FEI mode. All peripheral
clocks enabled, and peripherals are in active operation.
4. Max values are measured with CPU executing DSP instructions
5. 25MHz core and system clock, 25MHz bus clock, and 12.5MHz flash clock. MCG configured for FEI mode.
6. 4 MHz core, system, and bus clock and 1MHz flash clock. MCG configured for BLPE mode. All peripheral clocks disabled.
Code executing from flash.
7. 4 MHz core, system, and bus clock and 1MHz flash clock. MCG configured for BLPE mode. All peripheral clocks enabled
but peripherals are not in active operation. Code executing from flash.
8. 4 MHz core, system, and bus clock and 1MHz flash clock. MCG configured for BLPE mode. All peripheral clocks disabled.
9. Includes 32kHz oscillator current and RTC operation.
5.2.5.1 Diagram: Typical IDD_RUN operating behavior
The following data was measured under these conditions:
• MCG in FBE mode
• No GPIOs toggled
• Code execution from flash with cache enabled
• For the ALLOFF curve, all peripheral clocks are disabled except FTFL
General
K10 Sub-Family Data Sheet, Rev. 4 5/2012.
16
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com