| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CMSC Datasheet(PDF) 6 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CMSC Datasheet(HTML) 6 Page - Cooper Bussmann, Inc. |
|
6 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Offset Bolted Tags (Cont.../...) 240 - 550V ac / 80 - 200A Specifications Description: Fuse Links for general industrial applications with Q1 fusing factor - general purpose (gG) and motor protection (gM) characteristics Applications: General Industrial & Motors applications OSD 550V ac (gG) / 80 - 100A 415V ac (gM) Catalogue Numbers Industrial & Motor Applications to BS88 Ratings: Agency information: Meets BS88: Part 1 & 2 (1988), IEC 269: Parts 1 (1986) RoHS Compliant DEO 415V ac / 125 - 200A (gG) (gM) Catalogue Numbers Dimensions Rating (A) Catalogue Number Class BS Ref Fixing Centres mm Unit Packing 80 OSD80 gG N/A 73 20 100 OSD100 100M125 OSD100M125 gM 100M160 OSD100M160 Fuseholders: CAMASTER CM100F, see page 20 Part No Dimensions (mm) A B C D E F G H J OSD 95.0 73 54.5 21.0 22.5 1.2 12.7 8.0 5.5 OSD100M 26.0 25.7 Dimensions Part No Dimensions (mm) A B C D E F G H J DEO 110 94 47.0 31.0 29.5 3.2 19.0 10.0 9.0 DEO200M Rating (A) Catalogue Number Class BS Ref Fixing Centres mm Unit Packing 125 DEO125 gG N/A 94 5 160 DEO160 200 DEO200 200M250 DEO200M250 gM 200M315 DEO200M315 Volts: - 415 - 550V ac Amps: - 80 - 200A IR - 80kA @ 415 / 550V ac Data Sheet: 4107 Data Sheet: 4117 7 |