| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CMSC Datasheet(PDF) 16 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CMSC Datasheet(HTML) 16 Page - Cooper Bussmann, Inc. |
|
16 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com House Service Cut-Out Fuse Links 415V / 5 - 100A Specifications Description: Cylindrical Fuse Links for electrical utilities to BS Standard Ratings: Applications: Fuses to use in connection with House Service cut-outs. Agency Information: ASTA certified and tested in accordance to BS 1361 RoHS Compliant Catalogue Numbers J Type Fuse Links to BS88: Part 5 Cylindrical Type 415V / 20 - 250A Specifications Description: Cylindrical type fuses designed for use with wedge type fuse carriers on BS applications Ratings: Applications: For use by Electrical Authorities in distribution pillars, open type substation boards, heavy duty cut-outs, and underground connection boxes. Cylindrical type to be used in pole or wall mounted outdoor service fuse units. Agency information: ASTA certifed and tested to BS88: Part 5 RoHS Compliant Catalogue Numbers: Dimensions Utility Applications to BS88 Rating (A) Catalogue Number Unit Packing Diameter 22mm 30mm 5 5KR85 - 20 10 10KR85 - 15 15KR85 - 20 20KR85 - 25 25KR85 - 30 30KR85 30LR85 40 40KR85 40LR85 45 45KR85 - 50 50KR85 50LR85 60 60KR85 60LR85 70 70KR85 - 80 80KR85 80LR85 90 90KR85 - 100 100KR85 100LR85 Rating (A) Catalogue Number Unit Packing 20 20MJ25-6 20 32 32MJ25-6 40 40MJ25-6 63 63MJ25-6 80 80MJ25-6 100 100MJ25-6 125 125MJ25-6 160 160MJ25-6 200 200MJ25-6 250 250MJ25-6 KR85 Type LR85 Type Volts: - 415V Amps: - 5 - 100A IR - 33kA @ 415V Dimensions Volts: - 415V Amps: - 20 - 250A IR - 80kA @ 415V Data Sheet KR85: 4185 Data Sheet LR85: 4186 Data Sheet: 4177 17 |