| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CMSC Datasheet(PDF) 14 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CMSC Datasheet(HTML) 14 Page - Cooper Bussmann, Inc. |
|
14 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Special Tag Arrangements 660 - 690V / 125 - 800A Specifications Description: Fuse Links for industrial applications at 660/690V that meets dimensional and performance requirements of BS88 and IEC 269-1-2 standards. Ratings: Applications: Protection of large industrial installations at 600 / 690Vac Agency Information: BS88 part 1 section 2-1 & 2-2 RoHS Compliant Dimensions Catalogue Numbers Industrial Applications to BS88 - 660/690V Part No Dimensions (mm) A B C D E F G H J M13 120.0 99.0 70.0 38.0 27.0 8.0 26.0 12.0 8.7 M23 262.0 231.0 167.0 38.5 19.0 14.0 N15 120.0 100.0 79.0 49.0 41.0 16.5 15.0 9.8 Part No Dimensions (mm) A B C D E F G H J P35 210.0 184 133 75.0 19.0 16.0 10.0 59.0 5.0 R40 81.0 74.0 9.5 Part No Dimensions (mm) A B C D E F G H J N20 110.0 92.0 75.0 22.0 44.5 8.8 49.0 49.0 6.4 P20 111.0 76.0 47.0 59.0 R20 112.0 94.0 77.0 62.0 74.0 S20 112.0 77.0 66.0 83.0 Tag Types Rating (A) Catalogue Number Fixing Centres (mm) Unit Packing Offset Bolted Tag 125 125M13 99 5 160 160M13 200 200M13 250 250M13 315 315M13 125 125M23 231 1 160 160M23 200 200M23 250 250N15 100 1 315 315N15 Centre Bolted Tag 250 250N34 113 1 315 315N34 355 355P35 133/184 1 400 400P35 450 450R40 133/184 1 500 500R40 Special Offset Tag 125 125N20 92.5 1 160 160N20 200 200N20 250 250N20 315 315N20 355 355P20 92.5 1 400 400P20 450 450R20 94 1 500 500R20 560 560R20 630 630R20 710 710S20 94 1 800 800S20 Offset Bolted Tag Centre Bolted Tag Special Tag Arrangement Part No Dimensions (mm) A B C D E F G H N34 135.0 111 74.5 66.5 5.0 25.4 12.5 9.5 Volts: - 660 / 690V ac (except S20 type - 550V ac) - 400V dc (except S20 type) Amps: - 125 - 800A IR - 80kA @ 660V ac - 40kA @ 400V (except S20 type) Data Sheets: M13 & M23: 4153 / N15: 4164 / N34: 4165 / P35: 4161 / R40: 4162 / N20: 4166 / P20: 4167 / R20: 4168 / S20: E5785045 15 |