| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN8A1702AX Datasheet(PDF) 32 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8A1702AX Datasheet(HTML) 32 Page - SONiX Technology Company |
|
32 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 32 Revision 0.5 PROGRAM COUNTER The program counter (PC) is a 12-bit binary counter separated into the high-byte 4 bits and the low-byte 8 bits. This counter is responsible for pointing a location in order to fetch an instruction for kernel circuit. Normally, the program counter is automatically incremented with each instruction during program execution. Besides, it can be replaced with specific address by executing CALL or JMP instruction. When JMP or CALL instruction is executed, the destination address will be inserted to bit 0 ~ bit 11. PC Initial value = xxxx 0000 0000 0000 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PC - - - - - - 0 0 0 0 0 0 0 0 0 0 PCH PCL PCH Initial value = xxxx 0000 0CFH Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PCH - - - - - - PC9 PC8 - - - - - - R/W R/W PCL Initial value = 0000 0000 0CEH Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PCL PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 R/W R/W R/W R/W R/W R/W R/W R/W |