Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN8A1702AX Datasheet(PDF) 36 Page - SONiX Technology Company

No. de pieza SN8A1702AX
Descripción Electrónicos  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONIX [SONiX Technology Company]
Página de inicio  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX Datasheet(HTML) 36 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 32Page - SONiX Technology Company SN8A1702AX Datasheet HTML 33Page - SONiX Technology Company SN8A1702AX Datasheet HTML 34Page - SONiX Technology Company SN8A1702AX Datasheet HTML 35Page - SONiX Technology Company SN8A1702AX Datasheet HTML 36Page - SONiX Technology Company SN8A1702AX Datasheet HTML 37Page - SONiX Technology Company SN8A1702AX Datasheet HTML 38Page - SONiX Technology Company SN8A1702AX Datasheet HTML 39Page - SONiX Technology Company SN8A1702AX Datasheet HTML 40Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 36
Revision 0.5
TO ACCESS DATA in RAM BANK 0
In the RAM bank 0, this area memory can be read/written by these three access methods.
Example 1: To use RAM bank0 dedicate instruction (Such as B0xxx instruction).
B0MOV
A, 12H
; To move content from location 12H of RAM bank 0 to ACC
Example 3: To use indirectly addressing mode with @YZ register.
CLR
Y
; To clear Y register for accessing RAM bank 0.
B0MOV
Z, #12H
; To set an immediate data 12H into Z register.
B0MOV
A, @YZ
; Use data pointer @YZ reads a data from RAM location
; 012H into ACC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More