Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN8A1702AX Datasheet(PDF) 71 Page - SONiX Technology Company

No. de pieza SN8A1702AX
Descripción Electrónicos  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONIX [SONiX Technology Company]
Página de inicio  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX Datasheet(HTML) 71 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 67Page - SONiX Technology Company SN8A1702AX Datasheet HTML 68Page - SONiX Technology Company SN8A1702AX Datasheet HTML 69Page - SONiX Technology Company SN8A1702AX Datasheet HTML 70Page - SONiX Technology Company SN8A1702AX Datasheet HTML 71Page - SONiX Technology Company SN8A1702AX Datasheet HTML 72Page - SONiX Technology Company SN8A1702AX Datasheet HTML 73Page - SONiX Technology Company SN8A1702AX Datasheet HTML 74Page - SONiX Technology Company SN8A1702AX Datasheet HTML 75Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 71
Revision 0.5
TC1R AUTO-LOAD REGISTER
TC1R is an 8-bit register for the TC1 auto-reload function. TC1R’s value applies to TC1OUT and PWM1OUT functions.
Under TC1OUT application, users must enable and set the TC1R register. The main purpose of TC1R is as following.
Store the auto-reload value and set into TC1C when the TC1C overflow. (ALOAD1 = 1).
Store the duty value of PWM1OUT function.
TC1R initial value = xxxx xxxx
0DEH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1R
TC1R7
TC1R6
TC1R5
TC1R4
TC1R3
TC1R2
TC1R1
TC1R0
W
W
W
W
W
W
W
W
The equation of TC1R initial value is like TC1C as following.
TC1R initial value = N - (TC1 interrupt interval time * input clock)
Which N is determinate by code option: TC1_Counter
TC1_Counter
N
Max. TC1R value
8-bit
256
255
6-bit
64
63
5-bit
32
31
4-bit
16
15
Note: TheTC1R must small or equal than Max. TC1R value.
Note: The TC1R is write-only register can’t be process by INCMS, DECMS instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More