Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS200170TV1Y Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STPS200170TV1Y
Descripción Electrónicos  Automotive high voltage power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS200170TV1Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS200170TV1Y Datasheet HTML 1Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 2Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 3Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 4Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 5Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 6Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2011
Doc ID 17207 Rev 2
1/7
7
STPS200170TV1Y
Automotive high voltage power Schottky rectifier
Features
Negligible switching losses
Avalanche rated
Low leakage current
Good trade-off between leakage current and
forward voltage drop
Insulated package:
– Electrical insulation = 2500 V rms,
– Capacitance = 45 pF
AEC-Q101 qualified
Description
This high voltage Schottky rectifier is suitable for
high frequency switch mode power supplies.
Packaged in ISOTOP, this device is intended for
use in secondary rectification applications.
Table 1.
Device summary
IF(AV)
2 x 100 A
VRRM
170 V
Tj
150 °C
VF (typ)
0.63 V
A1
K1
A2
K2
A1
K1
A2
K2
ISOTOP
www.st.com


Número de pieza similar - STPS200170TV1Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y Datasheet
419Kb / 10P
Automotive 170 V, 2 x 100 A, high voltage power Schottky rectifier
Rev 5 - November 2020
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y_V01 Datasheet
419Kb / 10P
Automotive 170 V, 2 x 100 A, high voltage power Schottky rectifier
Rev 5 - November 2020
More results

Descripción similar - STPS200170TV1Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS1H100-Y STMICROELECTRONICS-STPS1H100-Y Datasheet
118Kb / 9P
Automotive high voltage power Schottky rectifier
03-Dec-2010
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
Automotive high voltage power Schottky rectifier
07-Nov-2011
STPS15H100C-Y STMICROELECTRONICS-STPS15H100C-Y Datasheet
200Kb / 7P
Automotive high voltage power Schottky rectifier
04-Nov-2011
STPS40170C-Y STMICROELECTRONICS-STPS40170C-Y Datasheet
111Kb / 8P
Automotive high voltage power Schottky rectifier
03-Nov-2011
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
136Kb / 9P
Automotive high voltage power Schottky rectifier
03-Dec-2010
STPS5H100BY-TR STMICROELECTRONICS-STPS5H100BY-TR Datasheet
90Kb / 7P
Automotive high voltage power Schottky rectifier
07-Nov-2011
STPS2H100ZFY STMICROELECTRONICS-STPS2H100ZFY Datasheet
299Kb / 8P
Automotive high voltage power Schottky rectifier
20-Oct-2016
STPS5H100AFY STMICROELECTRONICS-STPS5H100AFY Datasheet
312Kb / 8P
Automotive high voltage power Schottky rectifier
June 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com