Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS200170TV1Y Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STPS200170TV1Y
Descripción Electrónicos  Automotive high voltage power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS200170TV1Y Datasheet(HTML) 2 Page - STMicroelectronics

  STPS200170TV1Y Datasheet HTML 1Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 2Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 3Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 4Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 5Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 6Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS200170TV1Y
2/7
Doc ID 17207 Rev 2
1
Characteristics
When the diodes are used simultaneously:
Tj(diode1) = P(diode1) X Rth(j-c) (per diode) + P(diode2) X Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.5 x IF(AV) + 0.0018 IF
2
(RMS)
Table 2.
Absolute ratings - limiting values per diode at Tamb = 25 °C, unless otherwise specified
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
IF(RMS)
Forward rms current
200
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 105 °C per diode
100
A
IFSM
Surge non repetitive forward current tp = 10 ms sinusoidal
700
A
PARM
Repetitive peak avalanche power
tp = 1 µs, Tj = 25 °C
100000
W
Tstg
Storage temperature range
-55 to + 150
°C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
0.52
°C/W
Total
0.31
Rth(c)
Coupling thermal resistance
0.1
dP
tot
dT
j
---------------
1
R
th j
a
()
--------------------------
<
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
200
µA
Tj = 125 °C
-
30
100
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 100 A
-
-
0.85
V
Tj = 150 °C
-
0.63
0.68
Tj = 25 °C
IF = 200 A
-
-
1.01
Tj = 150 °C
-
0.78
0.86
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com