Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS200170TV1Y Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STPS200170TV1Y
Descripción Electrónicos  Automotive high voltage power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS200170TV1Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS200170TV1Y Datasheet HTML 1Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 2Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 3Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 4Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 5Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 6Page - STMicroelectronics STPS200170TV1Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS200170TV1Y
Characteristics
Doc ID 17207 Rev 2
3/7
Figure 1.
Conduction losses versus average
current (per diode)
Figure 2.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
P
F(AV)(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=t /T
p
tp
IF(AV)(A)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
I
F(AV)(A)
T
δ=tp/T
tp
R
th(j-a)=Rth(j-c)
Tamb(°C)
Figure 3.
Non-repetitive surge peak forward
current vesus overload duration
(maximum values per diode)
Figure 4.
Relative variation of thermal
impedance (junction to case) versus
pulse duration
0
100
200
300
400
500
600
700
800
1.E-03
1.E-02
1.E-01
1.E+00
I
M(A)
T
C=50°C
T
C=75°C
T
C=125°C
IM
t
d =0.5
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
(j )
(j )
δ=0.1
δ=0.2
δ=0.5
Single pulse
T
δ=tp/T
tp
Z
th -c /Rth -c
tP(s)
Figure 5.
Reverse leakage current versus
reverse voltage applied (typical
values per diode)
Figure 6.
Junction capacitances versus
reverse voltage applied (typical
values per diode)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170
I
R(mA)
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
VR(V)
100
1000
10000
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com