| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAMMN7C2PN Datasheet(PDF) 49 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMN7C2PN Datasheet(HTML) 49 Page - ITT Industries |
|
49 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 48 53,15 ± 0,35 (2.095 ± .014) 47,04 (1.852) 38,38 (1.510) 12,91(.508) MAX 7,87(.310) 2,80 ± 0,25 (.110 ± .010) 10 ° BOARDLOCK A3 A2 A11 6 6,13 ± 0,13 (.241 ± .005) 2,90 ± 0,21 (.114 ± .008) 10,17 (.400) (SIGNAL AND COAX) 12,71 (.500) (SIGNAL AND COAX) 15,25 (.600) (COAX ONLY) 6,27 ± 0,25 (.247 ± .010) D-Subminiature Combo D 13C3 Special — Receptacle only Receptacle Reader’s Resource For contact cavity arrangements, see page 223. For P.C. hole patterns, see page 236 (Rear shell REF. is 0,76 (.030) from front shell). For panel cutouts, see page 221. Part Number DB111949-43 Finishes Signal and Coaxial Center Contact Finish: 30 inches Gold. Note: For additional materials and finishes, see introduction page 43. Engaging Face |