| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAMMN7C2PN Datasheet(PDF) 77 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMN7C2PN Datasheet(HTML) 77 Page - ITT Industries |
|
77 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 76 D Subminiature Combo D Straight PC Tails — European (Sizes DE-DD) Part Numbers Shell Size Layout Part Number X 4,60 (.181) Part Number X 6,05 (.238) DE 5W1 DEM-5W1P-OL2-K87 DEM-5W1P-OL4-K87 DA 7W2 DAM-7W2P-OL2-K87 DAM-7W2P-OL4-K87 DA 11W1 DAM-11W1P-OL2-K87 DAM-11W1P-OL4-K87 DA 3W3 DAM-3W3P-OL2-K87 DAM-3W3P-OL4-K87 DA 3WK3 DAM-3WK3P-OL2-K87 DAM-3WK3P-OL4-K87 DB 5W5 DBM-5W5P-OL2-K87 DBM-5W5P-OL4-K87 DB 9W4 DBM-9W4P-OL2-K87 DBM-9W4P-OL4-K87 DB 13W3 DBM-13W3P-OL2-K87 DBM-13W3P-OL4-K87 DB 17W2 DBM-17W2P-OL2-K87 DBM-17W2P-OL4-K87 DB 21W1 DBM-21W1P-OL2-K87 DBM-21W1P-OL4-K87 DC 8W8 DCM-8W8P-OL2-K87 DCM-8W8P-OL4-K87 DC 13W6 DCM-13W6P-OL2-K87 DCM-13W6P-OL4-K87 DC 17W5 DCM-17W5P-OL2-K87 DCM-17W5P-OL4-K87 DC 21WA4 DCM-21WA4P-OL2-K87 DCM-21WA4P-OL4-K87 DC 25W3 DCM-25W3P-OL2-K87 DCM-25W3P-OL4-K87 DC 27W2 DCM-27W2P-OL2-K87 DCM-27W2P-OL4-K87 DD 24W7 DDM-24W7P-OL2-K87 DDM-24W7P-OL4-K87 DD 36W4 DDM-36W4P-OL2-K87 DDM-36W4P-OL4-K87 DD 43W2 DDM-43W2P-OL2-K87 DDM-43W2P-OL4-K87 DD 47W1 DDM-47W1P-OL2-K87 DDM-47W1P-OL4-K87 Note: Performance class 3 standard, for performance class 2 add -A191. Example: DEM-5W1P-OL2-A191-K87 Keyed. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Plug Engaging Face DD Configuration 10 ° A C E D B Ø 3,05 (.120) Ø 0,60 (.024) X L K 5,69 (.224) 2,84 (.112) 2,84 (.112) W F Reader’s Resource For contact cavity arrangements, see page 222. For P.C. hole patterns, see pages 266-268. For panel cutouts, see page 221. For hardware views (European), see page 227. |