Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7C2PN Datasheet(PDF) 13 Page - ITT Industries

No. de pieza DAMMN7C2PN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7C2PN Datasheet(HTML) 13 Page - ITT Industries

Back Button DAMMN7C2PN Datasheet HTML 9Page - ITT Industries DAMMN7C2PN Datasheet HTML 10Page - ITT Industries DAMMN7C2PN Datasheet HTML 11Page - ITT Industries DAMMN7C2PN Datasheet HTML 12Page - ITT Industries DAMMN7C2PN Datasheet HTML 13Page - ITT Industries DAMMN7C2PN Datasheet HTML 14Page - ITT Industries DAMMN7C2PN Datasheet HTML 15Page - ITT Industries DAMMN7C2PN Datasheet HTML 16Page - ITT Industries DAMMN7C2PN Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
12
D Subminiature
D*
Wrap Post Termination
Part Numbers
Shell Size
Layout
Through Hole
DE
9
DE9P-F179A-K87
DA
15
DA15P-F179A-K87
DB
25
DB25P-F179A-K87
DC
37
DC37P-F179A-K87
DD
50
DD50P-F179A-K87
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,64 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,64 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,64 (.269)
0,99 (.039)
Modification
Code
Number of
Wraps
X
max.
Y
±0,89 (.035)
F179
2
10,21 (.402)
15,20 (.598)
F179A
3
13,61 (.536)
18,60 (.732)
Plug
Engaging Face
2,84 (.112)
5,69 (.224)
L
F
W
2,84 (.112)
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
POSITION 1
Ø 3,05 (.120)
D
E
B
C
A
10
°
0,61 (.024)
REF
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More