Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 201 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 201 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 197Page - ITT Industries DAMMN3H3SN Datasheet HTML 198Page - ITT Industries DAMMN3H3SN Datasheet HTML 199Page - ITT Industries DAMMN3H3SN Datasheet HTML 200Page - ITT Industries DAMMN3H3SN Datasheet HTML 201Page - ITT Industries DAMMN3H3SN Datasheet HTML 202Page - ITT Industries DAMMN3H3SN Datasheet HTML 203Page - ITT Industries DAMMN3H3SN Datasheet HTML 204Page - ITT Industries DAMMN3H3SN Datasheet HTML 205Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
200
D Subminiature Accessories
EMI Shielded Backshell
Snap-Together Metalized Plastic
Metalized plastic backshells reduce EMI/RFI
emissions.
Metalized plastic provides a light weight solution.
Design includes integral strain relieving cable
clamp.
Product Features
Improves conformance to FCC DOC #20780
shielding requirements
No crimp ferrule tooling needed
Quick and simple assembly using snap-
together design feature
Attenuation
CABLE
CLAMP
CABLE
GROUNDING
TANG
Specifications
Attenuation:
−49dB @ 100 MHz
Temperature Range:
−20° C to 80° C
Materials and Finishes
Material:
Thermoplastic, UL 94V-0 rated
Finish:
Nickel over Copper
Straight Exit
16,99
±0,30
(.669
±.012)
C
B
D
E
D
E
Shell
Size Layout
Part
Number
A
±0,15 (.006)
B
±0,30 (.012)
C
±0,30 (.012)
D
±0,30 (.120)
E
±0,20 (.008)
X H
Max.
DE
9
DE121073-154 24,95 (.982)
30,81 (1.213)
23,70 (.933)
16,00 (.630)
35,99 (1.417)
7,32 (.288)
DA
15
DA121073-150 33,30 (1.311)
39,09 (1.539)
31,80 (1.252)
16,00 (.630)
42,00 (1.654)
8,31 (.327)
DB
25
DB121073-151 47,00 (1.850)
53,01 (2.087)
45,01 (1.772)
16,00 (.630)
42,00 (1.654)
10,52 (.414)
DC
37
DC121073-152 63,45 (2.498)
69,29 (2.728)
60,30 (2.374)
16,00 (.630)
42,00 (1.654)
12,32 (.485)
DD
50
DD121073-153 61,10 (2.410)
66,90 (2.634)
58,30 (2.295)
19,00 (.748)
42,00 (1.654)
13,00 (.512)
40
° Exit
Shell
Size Layout
Part
Number
B
±0,30 (.012)
C
±0,30 (.012)
D
±0,30 (.012)
E
±0,20 (.008)
Cable Diameter
Min.
Max.
DE
9
DE121073-54
35,99 (1.417)
22,00 (.866)
16,00 (.630)
35,99 (1.417)
3,51 (.138)
7,49 (.295)
DA
15
DA121073-50
44,29 (1.744)
27,31 (1.075)
16,00 (.630)
42,01 (1.654)
6,50 (.256)
8,99 (.354)
DB
25
DB121073-51
57,99 (2.283)
41,00 (1.614)
16,00 (.630)
42,01 (1.654)
6,50 (.256)
11,00 (.433)
DC
37
DC121073-52
74,50 (2.933)
57,51 (2.264)
16,00 (.630)
42,01 (1.654)
6,50 (.256)
11,00 (.433)
DD
50
DD121073-53
72,97 (2.873)
54,99 (2.165)
19,00 (.748)
42,01 (1.654)
8,99 (.354)
13,00 (.512)
ØH
MAX
A
Kit consists of 1 front shell, 1 rear shell,
1 cable clamp, 2 screws
Optional locking hardware sold separately,
see page 201.
Kit consists of 1 front shell, 1 rear shell,
1 cable clamp, 2 screws
Optional locking hardware sold separately,
see page 201.
Note: Cable grounding tang not available on DE size backshell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com