Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 203 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 203 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 199Page - ITT Industries DAMMN3H3SN Datasheet HTML 200Page - ITT Industries DAMMN3H3SN Datasheet HTML 201Page - ITT Industries DAMMN3H3SN Datasheet HTML 202Page - ITT Industries DAMMN3H3SN Datasheet HTML 203Page - ITT Industries DAMMN3H3SN Datasheet HTML 204Page - ITT Industries DAMMN3H3SN Datasheet HTML 205Page - ITT Industries DAMMN3H3SN Datasheet HTML 206Page - ITT Industries DAMMN3H3SN Datasheet HTML 207Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
202
D Subminiature Accessories
EMI Shielded Backshell
Die Cast Zinc Metal Backshell
Straight Exit
Die cast metal backshells reduce EMI/RFI
emissions.
Die cast metal backshells offer improved shielding
in a rugged package.
Product Features
Improves conformance to FCC DOC #20780
shielding requirements
No crimp ferrule tooling needed
Kit consists of 1 front shell, 1 rear shell,
2 screws, 2 hex nuts, 2 mounting screws,
2 end brackets, 1 set of compression inserts
(see this page)
Attenuation
A
B
Ø E
F
A
B
C
D
Ø E
F
A
B
C
D
Ø E
F
1
3
54
2
1
3
5
4
2
1
35
4
2
6
Shell
Size Layout
Part
Number
A
±0,13 (.005)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
X E
±0,13 (.005)
F
±0,13 (.005)
DE
9
980-2000-345 31,12 (1.225)
37,21 (1.465)
15,75 (.620)
15,75 (.620)
10,16 (.400)
24,99 (.984)
DA
15
980-2000-346 39,12 (1.540)
40,64 (1.600)
15,75 (.620)
15,75 (.620)
10,16 (.400)
33,32 (1.312)
DB
25
980-2000-347 53,09 (2.090)
39,37 (1.550)
17,53 (.690)
15,75 (.620)
13,34 (.525)
47,17 (1.857)
DC
37
980-2000-348 69,34 (2.730)
45,72 (1.800)
21,95 (.864)
15,75 (.620)
18,44 (.726)
63,50 (2.500)
DD
50
980-2000-349 66,70 (2.626)
45,72 (1.800)
21,95 (.864)
18,54 (.730)
18,44 (.726)
61,11 (2.406)
Compression Inserts (Included With Die Cast Zinc Metal Backshell)
Compression inserts accommodate a wide variety
of cable sizes.
9 and 15 Position*
* Inserts may be supplied mirror image
25 Position*
37 and 50 Position*
#1
#2
#3
#4
#5
#6
Position
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
9, 15
12,07 (.475)
8,13 (.320)
9,14 (.360)
8,00 (.315)
9,14 (.360)
6,48 (.255)
9,14 (.360)
7,24 (.285)
9,14 (.360)
5,33 (.210)
—
—
25
15,24 (.600)
11,43 (.450)
11,43 (.450)
10,41 (.410)
11,43 (.450)
9,40 (.370)
11,43 (.450)
7,62 (.300)
11,43 (.450)
5,84 (.230)
—
—
37, 50
16,64 (.655)
14,48 (.570)
17,78 (.700)
15,75 (.620)
20,57 (.810)
16,51 (.650)
16,64 (.655)
12,70 (.500)
16,64 (.655)
10,80 (.425)
16,64 (.655)
8,89 (.350)
Position
Cable Diameter
9, 15
.190/.350
25
.190/.460
37, 50
.300/.680
Materials and Finishes
Backshell Material:
Zinc
Backshell Finish:
Clear Zinc
Compression Inserts:
PVC
Hardware Material:
Steel
Hardware Finish:
Clear Zinc
Specifications
Attenuation:
–50 dB @ 1000 MHz
Temperature Range:
–20
° C to 80° C
9 and 15 Position
25 Position
37 and 50 Position
D
C
Diecast Shell Shielding Performance
db
Mhz
0
-10
-20
-30
-40
-50
-60
-70
100
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com