Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 148 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 148 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 144Page - ITT Industries DAMMN3H3SN Datasheet HTML 145Page - ITT Industries DAMMN3H3SN Datasheet HTML 146Page - ITT Industries DAMMN3H3SN Datasheet HTML 147Page - ITT Industries DAMMN3H3SN Datasheet HTML 148Page - ITT Industries DAMMN3H3SN Datasheet HTML 149Page - ITT Industries DAMMN3H3SN Datasheet HTML 150Page - ITT Industries DAMMN3H3SN Datasheet HTML 151Page - ITT Industries DAMMN3H3SN Datasheet HTML 152Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
147
D Subminiature
Military/High Reliability
Coaxial 90
° PCB (Sizes DE-DC)
75 Ohm Part Numbers* with Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMP5C1SJ
DEMMC5C1SJ
DEMMD5C1SJ
DEMMG5C1SJ
DA
7W2
DAMMP7C2SJ
DAMMC7C2SJ
DAMMD7C2SJ
DAMMG7C2SJ
DA
11W1
DAMMP11C1SJ
DAMMC11C1SJ
DAMMD11C1SJ
DAMMG11C1SJ
DA
3W3
DAMMP3C3SJ
DAMMC3C3SJ
DAMMD3C3SJ
DAMMG3C3SJ
DA
3WK3
DAMMP3CK3SJTM
DAMMC3CK3SJTM
DAMMD3CK3SJTM
DAMMG3CK3SJTM
DB
5W5
DBMMP5C5SJ
DBMMC5C5SJ
DBMMD5C5SJ
DBMMG5C5SJ
DB
9W4
DBMMP9C4SJ
DBMMC9C4SJ
DBMMD9C4SJ
DBMMG9C4SJ
DB
13W3
DBMMP13C3SJ
DBMMC13C3SJ
DBMMD13C3SJ
DBMMG13C3SJ
DB
17W2
DBMMP17C2SJ
DBMMC17C2SJ
DBMMD17C2SJ
DBMMG17C2SJ
DB
21W1
DBMMP21C1SJ
DBMMC21C1SJ
DBMMD21C1SJ
DBMMG21C1SJ
DC
8W8
DCMMP8C8SJ
DCMMC8C8SJ
DCMMD8C8SJ
DCMMG8C8SJ
DC
13W6
DCMMP13C6SJ
DCMMC13C6SJ
DCMMD13C6SJ
DCMMG13C6SJ
DC
17W5
DCMMP17C5SJ
DCMMC17C5SJ
DCMMD17C5SJ
DCMMG17C5SJ
DC
21WA4
DCMMP21CA4SJ
DCMMC21CA4SJ
DCMMD21CA4SJ
DCMMG21CA4SJ
DC
25W3
DCMMP25C3SJ
DCMMC25C3SJ
DCMMD25C3SJ
DCMMG25C3SJ
DC
27W2
DCMMP27C2SJ
DCMMC27C2SJ
DCMMD27C2SJ
DCMMG27C2SJ
Notes: *For 50 Ohm Coaxial substitute X for C. Example: DEMMP5X1SJ
For DD shell size, see page 149.
Keyed
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 231-232.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Engaging Face
Screw lock, boardlock and signal contacts
removed for clarity
Screw lock, boardlock and coaxial contact
removed for clarity
10
°
0,79
(.031)
2,92
(.115)
Ø 0,76
(.030)
A
B
C
E
D
BOARDLOCK
12,34
(.486)
8,64
(.340)
BRACKET,
METAL
RIVNUT
#4-40 UNC
SCREW LOCK
#4-40 UNC
6,50
± 0,25
(.256
± .010)
3,89 (.153)
MIN
0,56
(.023)
Ø 0,51
(.020)
2,54
(.100)
11,94
± 0,33
(.470
± .013)
L
2,84
(.112)
F
W
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
Note:
Dimension varies with altenate bracket configuration, see Reader’s Resource page 225.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47.04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com