Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 151 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 151 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 147Page - ITT Industries DAMMN3H3SN Datasheet HTML 148Page - ITT Industries DAMMN3H3SN Datasheet HTML 149Page - ITT Industries DAMMN3H3SN Datasheet HTML 150Page - ITT Industries DAMMN3H3SN Datasheet HTML 151Page - ITT Industries DAMMN3H3SN Datasheet HTML 152Page - ITT Industries DAMMN3H3SN Datasheet HTML 153Page - ITT Industries DAMMN3H3SN Datasheet HTML 154Page - ITT Industries DAMMN3H3SN Datasheet HTML 155Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
150
D Subminiature
Military/High Reliability
Coaxial Straight PCB (Sizes DE-DC)
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMV5C1PN
DEMMZ5C1PN
DEMMN5C1PN
DA
7W2
DAMMV7C2PN
DAMMZ7C2PN
DAMMN7C2PN
DA
11W1
DAMMV11C1PN
DAMMZ11C1PN
DAMMN11C1PN
DA
3W3
DAMMV3C3PN
DAMMZ3C3PN
DAMMN3C3PN
DA
3WK3
DAMMV3CK3PNTM
DAMMZ3CK3PNTM
DAMMN3CK3PNTM
DB
5W5
DBMMV5C5PN
DBMMZ5C5PN
DBMMN5C5PN
DB
9W4
DBMMV9C4PN
DBMMZ9C4PN
DBMMN9C4PN
DB
13W3
DBMMV13C3PN
DBMMZ13C3PN
DBMMN13C3PN
DB
17W2
DBMMV17C2PN
DBMMZ17C2PN
DBMMN17C2PN
DB
21W1
DBMMV21C1PN
DBMMZ21C1PN
DBMMN21C1PN
DC
8W8
DCMMV8C8PN
DCMMZ8C8PN
DCMMN8C8PN
DC
13W6
DCMMV13C6PN
DCMMZ13C6PN
DCMMN13C6PN
DC
17W5
DCMMV17C5PN
DCMMZ17C5PN
DCMMN17C5PN
DC
21WA4
DCMMV21CA4PN
DCMMZ21CA4PN
DCMMN21CA4PN
DC
25W3
DCMMV25C3PN
DCMMZ25C3PN
DCMMN25C3PN
DC
27W2
DCMMV27C2PN
DCMMZ27C2PN
DCMMN27C2PN
Notes: *For 50 Ohm Coaxial substitute X for C. Example: DEMMV5X1PN
For DD shell size, see page 152.
Keyed
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contact
removed for clarity
A
C
B
E
D
10
°
6,50
± 0,25
(.256
± .010)
Ø 0,76
(.030)
0,82
(.032)
3,45 (.136)
7,62
± 0,25
(.300
± .010)
SCREW LOCK
#4-40 UNC
2,92
(.115)
4,52 (.178)
STANDOFF
#4-40 UNC
BOARDLOCK
Ø 0,51
(.020)
0,62
(.024)
2,54
(.100)
L
F
W
2,84
(.112)
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 238-239.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com