Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 156 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 156 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 152Page - ITT Industries DAMMN3H3SN Datasheet HTML 153Page - ITT Industries DAMMN3H3SN Datasheet HTML 154Page - ITT Industries DAMMN3H3SN Datasheet HTML 155Page - ITT Industries DAMMN3H3SN Datasheet HTML 156Page - ITT Industries DAMMN3H3SN Datasheet HTML 157Page - ITT Industries DAMMN3H3SN Datasheet HTML 158Page - ITT Industries DAMMN3H3SN Datasheet HTML 159Page - ITT Industries DAMMN3H3SN Datasheet HTML 160Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
155
D Subminiature
Military/High Reliability
40 A High Power 90
° PCB (Sizes DE-DC)
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMP5H1SJ
DEMMC5H1SJ
DEMMD5H1SJ
DEMMG5H1SJ
DA
7W2
DAMMP7H2SJ
DAMMC7H2SJ
DAMMD7H2SJ
DAMMG7H2SJ
DA
11W1
DAMMP11H1SJ
DAMMC11H1SJ
DAMMD11H1SJ
DAMMG11H1SJ
DA
3W3
DAMMP3H3SJ
DAMMC3H3SJ
DAMMD3H3SJ
DAMMG3H3SJ
DA
3WK3
DAMMP3HK3SJTM
DAMMC3HK3SJTM
DAMMD3HK3SJTM
DAMMG3HK3SJTM
DB
5W5
DBMMP5H5SJ
DBMMC5H5SJ
DBMMD5H5SJ
DBMMG5H5SJ
DB
9W4
DBMMP9H4SJ
DBMMC9H4SJ
DBMMD9H4SJ
DBMMG9H4SJ
DB
13W3
DBMMP13H3SJ
DBMMC13H3SJ
DBMMD13H3SJ
DBMMG13H3SJ
DB
17W2
DBMMP17H2SJ
DBMMC17H2SJ
DBMMD17H2SJ
DBMMG17H2SJ
DB
21W1
DBMMP21H1SJ
DBMMC21H1SJ
DBMMD21H1SJ
DBMMG21H1SJ
DC
8W8
DCMMP8H8SJ
DCMMC8H8SJ
DCMMD8H8SJ
DCMMG8H8SJ
DC
13W6
DCMMP13H6SJ
DCMMC13H6SJ
DCMMD13H6SJ
DCMMG13H6SJ
DC
17W5
DCMMP17H5SJ
DCMMC17H5SJ
DCMMD17H5SJ
DCMMG17H5SJ
DC
21WA4
DCMMP21HA4SJ
DCMMC21HA4SJ
DCMMD21HA4SJ
DCMMG21HA4SJ
DC
25W3
DCMMP25H3SJ
DCMMC25H3SJ
DCMMD25H3SJ
DCMMG25H3SJ
DC
27W2
DCMMP27H2SJ
DCMMC27H2SJ
DCMMD27H2SJ
DCMMG27H2SJ
Notes: For DD shell size, see page 157.
Keyed.
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 247-248.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Engaging Face
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and high power contact
removed for clarity
2,92
(.115)
Ø 0,76
(.030)
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
RIVNUT
#4-40 UNC
12,34
(.486)
8,64
(.340)
6,50
± 0,25
(.256
± .010)
L
20,57
± 0,38
(.810
± .015)
3,89 (.153)
MIN.
4,33
± 0,38
(.170
± .015)
2,84
(.112)
11,53
± 0,25
(.454
± .010)
W
F
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com