Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 153 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 153 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 149Page - ITT Industries DAMMN3H3SN Datasheet HTML 150Page - ITT Industries DAMMN3H3SN Datasheet HTML 151Page - ITT Industries DAMMN3H3SN Datasheet HTML 152Page - ITT Industries DAMMN3H3SN Datasheet HTML 153Page - ITT Industries DAMMN3H3SN Datasheet HTML 154Page - ITT Industries DAMMN3H3SN Datasheet HTML 155Page - ITT Industries DAMMN3H3SN Datasheet HTML 156Page - ITT Industries DAMMN3H3SN Datasheet HTML 157Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
152
D Subminiature
Military/High Reliability
Coaxial Straight PCB (Size DD)
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMMV24C7PN
DDMMZ24C7PN
DDMMN24C7PN
DD
36W4
DDMMV36C4PN
DDMMZ36C4PN
DDMMN36C4PN
DD
43W2
DDMMV43C2PN
DDMMZ43C2PN
DDMMN43C2PN
DD
47W1
DDMMV47C1PN
DDMMZ47C1PN
DDMMN47C1PN
Note: *For 50 Ohm Coaxial substitute X for C. Example: DDMMV24XPN
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contact
removed for clarity
A
C
B
10
°
E
D
Ø 0,76
(.030)
0,82
(.032)
3,45
(.136)
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52
(.178)
STANDOFF
#4-40 UNC
0,62
(.024)
Ø 0,51
(.020)
2,54
(.100)
L
W
F
5,69
(.224)
2,84
(.112)
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 256.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com