Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DEMAMY15P-FO Datasheet(PDF) 17 Page - ITT Industries

No. de pieza DEMAMY15P-FO
Descripción Electrónicos  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMAMY15P-FO Datasheet(HTML) 17 Page - ITT Industries

Back Button DEMAMY15P-FO Datasheet HTML 13Page - ITT Industries DEMAMY15P-FO Datasheet HTML 14Page - ITT Industries DEMAMY15P-FO Datasheet HTML 15Page - ITT Industries DEMAMY15P-FO Datasheet HTML 16Page - ITT Industries DEMAMY15P-FO Datasheet HTML 17Page - ITT Industries DEMAMY15P-FO Datasheet HTML 18Page - ITT Industries DEMAMY15P-FO Datasheet HTML 19Page - ITT Industries DEMAMY15P-FO Datasheet HTML 20Page - ITT Industries DEMAMY15P-FO Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
C
C-17
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Straight PCB, High Density Receptacle
Military/High Reliability D-Subminiature
High Density Straight PC Tail
Shell Size
Layout
Through Hole
Dual Float Mount
DE
15
DEMA15SM
DEMAY15SM
DA
26
DAMA26SM
DAMAY26SM
DB
44
DBMA26SM
DBMAY44SM
DC
62
DCMA62SM
DCMAY62SM
DD
78
DDMA78SM
DDMAY78SM
DF*
104
DFMA104SM
DFMAY104SM
Dimensions
Receptacle
• For contact cavity arrangements, see pages C-44.
• For P.C. hole pattern, see pages C-47.
• For panel cutouts, see page C-49.
Note: For residual magnetism level of 200 Gamma and shells and
contacts with 50 micro inches (1,27m) gold plating, add NMBK52.
Example DEMA15SMNMBK52 and shells with 50 microinches gold.
For alternate PC tail modifiers (see tabulation), replace 0L3 with M or Z.
Example: DEM9SZNM
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (8,36)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DF
69.34 (2.73)
55,0 (2.16)
63,50 (2.50)
15,49 (0.61)
20,07 (0.79)
16,45 (.648)
6,94 (.273)
1,206 (.0475)
0.76 (.030)
n
o
it
a
r
u
g
if
n
o
C
D
D
X
1,98
(.078)
3,96
(.156)
L
K
Engaging Face
A
C
B
10
°
E
D
Ø 3,05 (.120)
0,51 (.020)
PC Tail Modifiers
X
M
4.01 ± 0,69
(.158 ± .027)
Q
7,62 ± 0,5
(.300 ± .020)
0L3
4,82 ± 1,5
(.190 ± .020)
0L3 for HE501 connectors and ESA equivalents
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com