Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DEMAMY15P-FO Datasheet(PDF) 41 Page - ITT Industries

No. de pieza DEMAMY15P-FO
Descripción Electrónicos  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMAMY15P-FO Datasheet(HTML) 41 Page - ITT Industries

Back Button DEMAMY15P-FO Datasheet HTML 37Page - ITT Industries DEMAMY15P-FO Datasheet HTML 38Page - ITT Industries DEMAMY15P-FO Datasheet HTML 39Page - ITT Industries DEMAMY15P-FO Datasheet HTML 40Page - ITT Industries DEMAMY15P-FO Datasheet HTML 41Page - ITT Industries DEMAMY15P-FO Datasheet HTML 42Page - ITT Industries DEMAMY15P-FO Datasheet HTML 43Page - ITT Industries DEMAMY15P-FO Datasheet HTML 44Page - ITT Industries DEMAMY15P-FO Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
C
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C-41
Environmental D
D*D
How to Order
D
A
D - 15
S
A
-
SERIES PREFIX
SHELL SIZE
CLASS
CONTACT ARRANGEMENT
CONTACT TYPE
MOUNTING STYLE
MODIFICATION
SHELL SIZE
CONTACT TYPE
A, B, C, D, E
P – Pin
S – Socket
CLASS
D – Environmental
MOUNTING STYLE
A – Standard Mounting Holes
CONTACT ARRANGEMENT
B – Float Mounts supplied
9, 15, 25, 37, 50 Std Density
Combo-D Layouts also available
MODIFICATION
Contact factory
Solder Cup Terminals
SERIES PREFIX
ITT Cannon Designation
Snap-In Crimp Terminals
SERIES PREFIX
ITT Cannon Designation
D
A
DA
F-
15
P-
FO
SERIES PREFIX
SHELL SIZE
CLASS
MOUNTING STYLE
CONTACT ARRANGEMENTS
CONTACT TYPE
MODIFICATION
SHELL SIZE
CONTACT ARRANGEMENTS
A, B, C, D, E
9, 15, 25, 37, 50 Std Density
15, 26, 44, 62, 88 Hi Density
Combo-D Layouts also available
CLASS
CONTACT TYPE
DA – Environmental, crimp type
P – Pin
S – Socket
MOUNTING STYLE
No Designator – Standard mounting
MODIFICATION
F – Float mounts supplied
FO – Connector supplied less contacts, for
other modifications consult factory
Add .032 (0.81) to dimensions C and E for float mounting.
Note: Panel cutout does not allow for potting cup clearance.
Panel Cutouts
USE .120(3.05) DIA. HOLE OR 4-40 TAP (CUSTOMER PREFERENCE) FOR FRONT MOUNTING.
FOR REAR MOUNTING USE .120(3.05) DIA. HOLE COUNTERSUNK FOR FLATHEAD SCREW.
F
E
C
A
D
.083(2.11) R. MAX.
TYPICAL
Shell Size
DED-15
DAD-26
DBD-44
DCD-62
DDD-78
A
±.010 (0.25)
1.442 (36.63)
1.755 (44.58)
2.295 (58.29)
2.937 (74.60)
2.859 (72.62)
C
Min.
1.839 (21.31)
1.157 (29.39)
1.697 (43.10)
2.357 (59.87)
2.265 (57.53)
D
±.010 (0.25)
.614 (15.60)
.614 (15.60)
.614 (15.60)
.614 (15.60))
.735 (18.67)
E
±.010 (0.25)
.497 (12.62)
.497 (12.62)
.497 (12.62)
.497 (12.62)
.610 (15.49)
F
±.010 (0.25)
1.125 (28.58)
1.437 (36.50)
1.993 (50.62)
2.625 (66.68)
2.531 (64.29)
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com