Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DEMAMY15P-FO Datasheet(PDF) 40 Page - ITT Industries

No. de pieza DEMAMY15P-FO
Descripción Electrónicos  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMAMY15P-FO Datasheet(HTML) 40 Page - ITT Industries

Back Button DEMAMY15P-FO Datasheet HTML 36Page - ITT Industries DEMAMY15P-FO Datasheet HTML 37Page - ITT Industries DEMAMY15P-FO Datasheet HTML 38Page - ITT Industries DEMAMY15P-FO Datasheet HTML 39Page - ITT Industries DEMAMY15P-FO Datasheet HTML 40Page - ITT Industries DEMAMY15P-FO Datasheet HTML 41Page - ITT Industries DEMAMY15P-FO Datasheet HTML 42Page - ITT Industries DEMAMY15P-FO Datasheet HTML 43Page - ITT Industries DEMAMY15P-FO Datasheet HTML 44Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
C
C-40
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Environmental D
D*D
D*D
The Cannon D*D Environmental Series is designed
to meet the demand for subminiature rectangular
plugs with superior vibration and moisture resist-
ance characteristics for aircraft, missile, and ground
support equipment applications.
Featuring a rugged aluminum shell and peripheral
seal, the D*D connector meets all applicable re-
quirements of MIL-C-24308. Available in both sol-
der and crimp versions, all assemblies are provided
with nylon potting cups and dust caps.
Solder type contacts are non-removable and are
factory-installed. Crimp type connectors utilize the
field-proven LITTLE CAESAR® rear insertion, rear-re-
lease retention system.
PLEASE NOTE: The D*D Series is not intermate-
able with other D Subminiature connectors.
Performance and Material Specifications
Shell
Aluminum, cadmium plated with yellow chromate supplementary coating.
Contacts
Solder pot: Copper alloy, gold plated .00002 (.0005) over nickel .00004 (.0010)
Crimp type: Copper alloy, gold plated .00002 (.0005) over nickel .00004 (.0010)
Contact Termination
Solder pot accommodating up to #20 AWG stranded wire. Crimp type accommodat-
ing #20, #22, and #24 AWG stranded wire.
Socket Type
Closed entry
Float Mounting Rivets & Washers
Stainless Steel. Passivated per DQ-P-35
Test Data
Specifications
Voltage Rating
All voltage figures are AC (rms), 60 Hz measured at approximately 25.0°C 50% RH.
Insulation Resistance
Greater than 5,000 megohms, determined in accordance with MIL-STD-202A, Method 302
(per MIL-C-24308)
Contact Voltage Drop
2.67 millivolts, maximum, per amp
Contact Separation Force 1 to 8 ounces when tested in accordance with MIL-C-24308
Air Leakage
When properly wired and potted, 1 cubic inch of air per hour max. when subjected to 30 PSI
pressure differential in accordance with MIL-C-50150, Paragraph 4.5.3.1
Vibration
Exceeds test requirements of MIL-STD-202A, Method 204, Condition D
(per MIL-C-24308)
Corrosion Resistance
Exceeds requirements of 50 hour exposure to salt spray in accordance with MIL-STD-202A,
(per MIL-C-24308)
Method 101A, Condition B
Moisture Resistance
Exceeds requirements of MIL-STD-202A, Method 106
(per MIL-C-24308)
Shock
Exceeds requirements of MIL-STD-202A, Method 213, Condition G
Environmental Seal
Effective from full engagement to 1/16 short of full engagement
Contact Retention Force
(Crimp type) 8 pounds (35.6 newtons) minimum for first cycle; 5 pounds (22.2 newtons)
minimum after tenth cycle
Standard Layout Plugs
Measured from contact-to-contact, and contact-to-shell in unmated condition
ALTITUDE (FEET)
Sea
Level
20,000
50,000
70,000
Average
Flashover
1700
1000
650
500
Test
1250
750
475
375
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com