Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1494 Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LT1494
Descripción Electrónicos  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT1494 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1494 Datasheet HTML 3Page - Linear Technology LT1494 Datasheet HTML 4Page - Linear Technology LT1494 Datasheet HTML 5Page - Linear Technology LT1494 Datasheet HTML 6Page - Linear Technology LT1494 Datasheet HTML 7Page - Linear Technology LT1494 Datasheet HTML 8Page - Linear Technology LT1494 Datasheet HTML 9Page - Linear Technology LT1494 Datasheet HTML 10Page - Linear Technology LT1494 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT6016/LT6017
7
60167fa
The
l denotes the specifications which apply over the specified temperature
range, –55°C < TJUNCTION < 150°C for MP-grade parts, otherwise specifications are at TA = 25°C, VS = ±15V, VCM = VOUT = Mid-Supply.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
MP-GRADE
TYP
MAX
UNITS
RINCM
Common Mode Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
>1
>100
en
Input Referred Noise Voltage Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
18
25
nV/√Hz
nV/√Hz
Input Referred Noise Voltage
f = 0.1Hz to 10Hz
VCM < V+ – 1.75V
0.5
μVP-P
in
Input Referred Noise Current Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
0.1
11.5
pA/√Hz
pA/√Hz
AVOL
Open Loop Gain
RL = 10kΩ
ΔVOUT = 27V
l
100
1000
V/mV
PSRR
Supply Rejection Ratio
VS = ±2.5V to ±25V
VCM = VOUT = 0V
l
106
126
dB
CMRR
Input Common Mode Rejection Ratio
VCM = –15V to 13.25V
l
100
126
dB
VOL
Output Voltage Swing Low
VS = ±15V, No Load
VS = ±15V, 5mA
l
l
3
280
75
550
mV
mV
VOH
Output Voltage Swing High
VS = ±15V, No Load
VS = ±15V, 5mA
l
l
450
1000
750
1300
mV
mV
ISC
Short-Circuit Current
VS = ±15V, 50Ω to GND
VS = ±15V, 50Ω to GND
l
l
8
8
30
32
mA
mA
GBW
Gain Bandwidth Product
fTEST = 10kHz
l
2.9
2.45
3.3
3.3
MHz
MHz
SR
Slew Rate
ΔVOUT = 3V
l
0.6
0.45
0.8
0.8
V/μs
V/μs
tS
Settling Time Due to Input Step
0.1% Settling
ΔVOUT = ±2V
3.5
μs
VS
Supply Voltage
Reverse Supply
IS = –25μA/Amplifier
l
l
3
3.3
–65
50
50
–30
V
V
V
IS
Supply Current Per Amplifier
VS = ±25V
VS = ±25V
l
l
325
325
340
340
350
575
360
600
μA
μA
μA
μA
RO
Output Impedance
ΔIO = ±5mA
0.15
Ω
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Voltages applied are with respect to V. The inputs are tested to
the Absolute Maximum Rating by applying –25V (relative to V) to each
input for 10ms. In general, faults capable of sinking current from either
input should be current limited to under 10mA. See the Applications
Information section for more details.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage and
how many amplifiers are shorted.
Note 4: The LT6016I/LT6017 are guaranteed functional over the operating
temperature range of –40°C to 85°C. The LT6016H/LT6017H are
guaranteed functional over the operating temperature range of –40°C
to 125°C. The LT6016MP/LT6017MP are guaranteed functional over the
junction temperature range of –55°C to 150°C. Junction temperatures
greater than 125°C will promote accelerated aging. The LT6016/LT6017
has a demonstrated typical performance beyond 1000 hours at TJ = 150°C.
Note 5: The LT6016I/LT6017I are guaranteed to meet specified
performance from –40°C to 85°C. The LT6016H/LT6017H are guaranteed
to meet specified performance from –40°C to 125°C. The LT6016MP/
LT6017MP are guaranteed to meet specified performance with junction
temperature ranging from –55°C to 150°C.
Note 6: Test accuracy is limited by high speed test equipment repeatability.
Bench measurements indicate the input offset current in the Over-The-Top
configuration is typically controlled to under ±50nA at 25°C and ±150nA
over temperature.
Note 7: The Reverse Supply voltage is tested by pulling 25μA/Amplifier out
of the V+ pin while measuring the V+ pin’s voltage with both inputs and V
grounded, verifying V+ < –50V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com