Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1494 Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LT1494
Descripción Electrónicos  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT1494 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1494 Datasheet HTML 6Page - Linear Technology LT1494 Datasheet HTML 7Page - Linear Technology LT1494 Datasheet HTML 8Page - Linear Technology LT1494 Datasheet HTML 9Page - Linear Technology LT1494 Datasheet HTML 10Page - Linear Technology LT1494 Datasheet HTML 11Page - Linear Technology LT1494 Datasheet HTML 12Page - Linear Technology LT1494 Datasheet HTML 13Page - Linear Technology LT1494 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT6016/LT6017
10
60167fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Supply
Voltage
Supply Current vs Supply Voltage
Reverse Supply Current vs
Reverse Supply Voltage
Noise Density vs Frequency
Over-The-Top Noise Density vs
Frequency
0.1Hz to 10Hz Noise
Long Term Stability of Five
Representative Units
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
SUPPLY VOLTAGE (V)
–60
–15
10
0
5
–5
–10
–50
–40
–30
–20
60167 G24
0
–10
TA = 130°C
NON-INVERTING OP AMP CONFIGURATION
+INA, +INB TIED TO V
TA = –55°C
TA = 25°C
TA = 150°C
TIME (MONTHS)
1
02
–5
5
4
3
2
1
0
–1
–2
–3
–4
34
60167 G19
VS = 5V
5 UNITS, 10 CHANNELS
MS8 PACKAGE
CHANNEL A
CHANNEL B
FREQUENCY (Hz)
1
0
60
50
40
30
20
10
0
60
50
40
30
20
10
10
100
1000
60167 G26
VS = 5V
VCM = 5V
CURRENT NOISE
VOLTAGE NOISE
TIME (SEC)
0
26
48
10
60167 G27
VS = ±2.5V TO ±25V
TA = 25°C
SUPPLY VOLTAGE (V)
0
0
600
400
300
500
200
100
10
20
30
40
60167 G23
50
TA = –55°C
TA = 150°C
PARAMETRIC SWEEP IN ~25°C
INCREMENTS
FREQUENCY (Hz)
1
0
40
35
30
25
20
15
10
5
0
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
10
100
1000
10k
60167 G25
100k
CURRENT NOISE
VOLTAGE NOISE
INPUT COMMON MODE VOLTAGE (V)
0.1
–5
20
15
10
5
0
110
60167 G20
100
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C
VS = 5V
INPUT COMMON MODE VOLTAGE (V)
0.001
–50
25
0
–25
0.01
0.1
1
60167 G21
10
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C
SUPPLY VOLTAGE (V)
0
–2.5
12.5
7.5
5.0
10.0
2.5
0.0
10
20
30
40
60167 G22
50
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com