Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE7041-40 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

No. de pieza PE7041-40
Descripción Electrónicos  40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7041-40 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7041-40 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7041-40 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7041-40 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up
To 7.5 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized
Body Rated To 25 Watts Up To 7.5 GHz PE7041-40
URL:
http://www.pasternack.com/40db-fixed-7-16-male-7-16-female-25-watts-attenuator-pe7041-40-p.aspx
PE7041-40
PE7041-40 REV
40 dB Fixed Attenuator, 7/16 DIN Male To 7/16
DIN Female Aluminum Heatsink Black Anodized
Body Rated To 25 Watts Up To 7.5 GHz



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com