Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE7041-40 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

No. de pieza PE7041-40
Descripción Electrónicos  40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7041-40 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7041-40 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7041-40 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7041-40 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum
Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-40
CAD Drawing
PE7041-40 REV



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com