Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE7041-40 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE7041-40
Descripción Electrónicos  40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7041-40 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7041-40 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7041-40 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7041-40 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body
Rated To 25 Watts Up To 7.5 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
7/16 DIN Male
Connector 2
7/16 DIN Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Attenuation Value, dB
40
Maximum Input Power, Watts
25
Maximum VSWR
1.45:1
Frequency 1
Range, GHz
DC to 4
VSWR
1.25:1
Attenuation Accuracy, dB
± 1.5
Frequency 2
Range, GHz
4 to 7.5
VSWR
1.45:1
Attenuation Accuracy, dB
± 1.5
Mechanical Specifications
Size
Length, in [mm]
5.55 [140.97]
Width, in [mm]
2.65 [67.31]
Height, in [mm]
2.65 [67.31]
.
Connector 1
Type
7/16 DIN Male
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Connector 2
Type
7/16 DIN Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anod-
ized Body Rated To 25 Watts Up To 7.5 GHz PE7041-40
PE7041-40
PE7041-40 REV
40 dB Fixed Attenuator, 7/16 DIN Male To 7/16
DIN Female Aluminum Heatsink Black Anodized
Body Rated To 25 Watts Up To 7.5 GHz


Número de pieza similar - PE7041-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7041-40 PASTERNACK-PE7041-40 Datasheet
254Kb / 4P
40 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
PE7041-40 PASTERNACK-PE7041-40_16 Datasheet
254Kb / 4P
40 dB Fixed Attenuator, 7/16 DIN Male to 7/16 DIN Female Black Anodized Aluminum Heatsink Body
More results

Descripción similar - PE7041-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7041-1 PASTERNACK-PE7041-1 Datasheet
220Kb / 3P
1 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-3 PASTERNACK-PE7041-3 Datasheet
220Kb / 3P
3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-20 PASTERNACK-PE7041-20 Datasheet
219Kb / 3P
20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-30 PASTERNACK-PE7041-30 Datasheet
220Kb / 3P
30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-2 PASTERNACK-PE7041-2 Datasheet
220Kb / 3P
2 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-10 PASTERNACK-PE7041-10 Datasheet
220Kb / 3P
10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7042-40 PASTERNACK-PE7042-40 Datasheet
220Kb / 3P
40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7041-6 PASTERNACK-PE7041-6 Datasheet
220Kb / 3P
6 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7379-40 PASTERNACK-PE7379-40 Datasheet
328Kb / 3P
40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
PE7380-40 PASTERNACK-PE7380-40 Datasheet
328Kb / 3P
40 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com