Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F205VC Datasheet(PDF) 54 Page - STMicroelectronics

No. de pieza STM32F205VC
Descripción Electrónicos  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VC Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F205VC Datasheet HTML 50Page - STMicroelectronics STM32F205VC Datasheet HTML 51Page - STMicroelectronics STM32F205VC Datasheet HTML 52Page - STMicroelectronics STM32F205VC Datasheet HTML 53Page - STMicroelectronics STM32F205VC Datasheet HTML 54Page - STMicroelectronics STM32F205VC Datasheet HTML 55Page - STMicroelectronics STM32F205VC Datasheet HTML 56Page - STMicroelectronics STM32F205VC Datasheet HTML 57Page - STMicroelectronics STM32F205VC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 177 page
background image
PB14
TIM1_CH2N
TIM8_CH2N
SPI2_MISO
USART3_RTS
TIM12_CH1
OTG_HS_DM
EVENTOUT
PB15
RTC_50Hz
TIM1_CH3N
TIM8_CH3N
SPI2_MOSI
I2S2_SD
TIM12_CH2
OTG_HS_DP
EVENTOUT
PC0
OTG_HS_ULPI_STP
EVENTOUT
PC1
ETH_MDC
EVENTOUT
PC2
SPI2_MISO
OTG_HS_ULPI_DIR
ETH _MII_TXD2
EVENTOUT
PC3
SPI2_MOSI
OTG_HS_ULPI_NXT ETH _MII_TX_CLK
EVENTOUT
PC4
ETH_MII_RXD0
ETH_RMII_RXD0
EVENTOUT
PC5
ETH _MII_RXD1
ETH _RMII_RXD1
EVENTOUT
PC6
TIM3_CH1
TIM8_CH1
I2S2_MCK
USART6_TX
SDIO_D6
DCMI_D0
EVENTOUT
PC7
TIM3_CH2
TIM8_CH2
I2S3_MCK
USART6_RX
SDIO_D7
DCMI_D1
EVENTOUT
PC8
TIM3_CH3
TIM8_CH3
USART6_CK
SDIO_D0
DCMI_D2
EVENTOUT
PC9
MCO2
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S2_CKIN
I2S3_CKIN
SDIO_D1
DCMI_D3
EVENTOUT
PC10
SPI3_SCK
I2S3_SCK
USART3_TX
UART4_TX
SDIO_D2
DCMI_D8
EVENTOUT
PC11
SPI3_MISO
USART3_RX
UART4_RX
SDIO_D3
DCMI_D4
EVENTOUT
PC12
SPI3_MOSI
I2S3_SD
USART3_CK
UART5_TX
SDIO_CK
DCMI_D9
EVENTOUT
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PD0
CAN1_RX
FSMC_D2
EVENTOUT
PD1
CAN1_TX
FSMC_D3
EVENTOUT
PD2
TIM3_ETR
UART5_RX
SDIO_CMD
DCMI_D11
EVENTOUT
PD3
USART2_CTS
FSMC_CLK
EVENTOUT
PD4
USART2_RTS
FSMC_NOE
EVENTOUT
PD5
USART2_TX
FSMC_NWE
EVENTOUT
PD6
USART2_RX
FSMC_NWAIT
EVENTOUT
PD7
USART2_CK
FSMC_NE1/
FSMC_NCE2
EVENTOUT
PD8
USART3_TX
FSMC_D13
EVENTOUT
PD9
USART3_RX
FSMC_D14
EVENTOUT
PD10
USART3_CK
FSMC_D15
EVENTOUT
PD11
USART3_CTS
FSMC_A16
EVENTOUT
PD12
TIM4_CH1
USART3_RTS
FSMC_A17
EVENTOUT
PD13
TIM4_CH2
FSMC_A18
EVENTOUT
Table 8.
Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3
SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More