Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F205VC Datasheet(PDF) 41 Page - STMicroelectronics

No. de pieza STM32F205VC
Descripción Electrónicos  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F205VC Datasheet HTML 37Page - STMicroelectronics STM32F205VC Datasheet HTML 38Page - STMicroelectronics STM32F205VC Datasheet HTML 39Page - STMicroelectronics STM32F205VC Datasheet HTML 40Page - STMicroelectronics STM32F205VC Datasheet HTML 41Page - STMicroelectronics STM32F205VC Datasheet HTML 42Page - STMicroelectronics STM32F205VC Datasheet HTML 43Page - STMicroelectronics STM32F205VC Datasheet HTML 44Page - STMicroelectronics STM32F205VC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 177 page
background image
STM32F20xxx
Pinouts and pin description
Doc ID 15818 Rev 9
41/177
7
E8 14 25 31
J1
NRST
I/O
NRST
8G9 15 26 32 M2
PC0(6)
I/O FT
PC0
OTG_HS_ULPI_STP/
EVENTOUT
ADC123_
IN10
9F8 16 27 33 M3
PC1(6)
I/O FT
PC1
ETH_MDC/ EVENTOUT
ADC123_
IN11
10 D7 17 28 34 M4
PC2(6)
I/O FT
PC2
SPI2_MISO /
OTG_HS_ULPI_DIR /
ETH_MII_TXD2/
EVENTOUT
ADC123_
IN12
11 G8 18 29 35 M5
PC3(6)
I/O FT
PC3
SPI2_MOSI / I2S2_SD /
OTG_HS_ULPI_NXT /
ETH_MII_TX_CLK/
EVENTOUT
ADC123_
IN13
-
-
19 30 36
-
VDD_12
SVDD_12
12
-
20 31 37 M1
VSSA
SVSSA
--
-
-
-
N1
VREF-
SVREF-
-F7 21 32 38
P1
VREF+
SVREF+
13
-
22 33 39
R1
VDDA
SVDDA
14 E7 23 34 40
N3
PA0(7)-WKUP(6)
I/O FT
PA0-WKUP
USART2_CTS/ UART4_TX/
ETH_MII_CRS /
TIM2_CH1_ETR/
TIM5_CH1 / TIM8_ETR/
EVENTOUT
ADC123_IN0/
WKUP
15 H8 24 35 41
N2
PA1(6)
I/O FT
PA1
USART2_RTS /
UART4_RX/
ETH_RMII_REF_CLK /
ETH_MII_RX_CLK /
TIM5_CH2 / TIM2_CH2/
EVENTOUT
ADC123_IN1
16 J9
25 36 42
P2
PA2(6)
I/O FT
PA2
USART2_TX/TIM5_CH3 /
TIM9_CH1 / TIM2_CH3 /
ETH_MDIO/ EVENTOUT
ADC123_IN2
-
-
-
-
43
F4
PH2
I/O FT
PH2
ETH_MII_CRS/
EVENTOUT
-
-
-
-
44
G4
PH3
I/O FT
PH3
ETH_MII_COL/
EVENTOUT
-
-
-
-
45
H4
PH4
I/O FT
PH4
I2C2_SCL /
OTG_HS_ULPI_NXT/
EVENTOUT
-
-
-
-
46
J4
PH5
I/O FT
PH5
I2C2_SDA/ EVENTOUT
Table 6.
STM32F20x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More