Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F205VC Datasheet(PDF) 51 Page - STMicroelectronics

No. de pieza STM32F205VC
Descripción Electrónicos  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VC Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F205VC Datasheet HTML 47Page - STMicroelectronics STM32F205VC Datasheet HTML 48Page - STMicroelectronics STM32F205VC Datasheet HTML 49Page - STMicroelectronics STM32F205VC Datasheet HTML 50Page - STMicroelectronics STM32F205VC Datasheet HTML 51Page - STMicroelectronics STM32F205VC Datasheet HTML 52Page - STMicroelectronics STM32F205VC Datasheet HTML 53Page - STMicroelectronics STM32F205VC Datasheet HTML 54Page - STMicroelectronics STM32F205VC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 177 page
background image
STM32F20xxx
Pinouts and pin description
Doc ID 15818 Rev 9
51/177
PF4
A4
A4
-
PF5
A5
A5
-
PF6
NIORD
-
PF7
NREG
-
PF8
NIOWR
-
PF9
CD
-
PF10
INTR
-
PF12
A6
A6
-
PF13
A7
A7
-
PF14
A8
A8
-
PF15
A9
A9
-
PG0
A10
A10
-
PG1
A11
-
PE7
D4
D4
DA4
D4
Yes
PE8
D5
D5
DA5
D5
Yes
PE9
D6
D6
DA6
D6
Yes
PE10
D7
D7
DA7
D7
Yes
PE11
D8
D8
DA8
D8
Yes
PE12
D9
D9
DA9
D9
Yes
PE13
D10
D10
DA10
D10
Yes
PE14
D11
D11
DA11
D11
Yes
PE15
D12
D12
DA12
D12
Yes
PD8
D13
D13
DA13
D13
Yes
PD9
D14
D14
DA14
D14
Yes
PD10
D15
D15
DA15
D15
Yes
PD11
A16
A16
CLE
Yes
PD12
A17
A17
ALE
Yes
PD13
A18
A18
Yes
PD14
D0
D0
DA0
D0
Yes
PD15
D1
D1
DA1
D1
Yes
PG2
A12
-
PG3
A13
-
PG4
A14
-
Table 7.
FSMC pin definition (continued)
Pins
FSMC
LQFP100
CF
NOR/PSRAM/S
RAM
NOR/PSRAM Mux
NAND 16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More