Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ULN2004ADE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ULN2004ADE4
Descripción Electrónicos  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004ADE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ULN2004ADE4 Datasheet HTML 3Page - Texas Instruments ULN2004ADE4 Datasheet HTML 4Page - Texas Instruments ULN2004ADE4 Datasheet HTML 5Page - Texas Instruments ULN2004ADE4 Datasheet HTML 6Page - Texas Instruments ULN2004ADE4 Datasheet HTML 7Page - Texas Instruments ULN2004ADE4 Datasheet HTML 8Page - Texas Instruments ULN2004ADE4 Datasheet HTML 9Page - Texas Instruments ULN2004ADE4 Datasheet HTML 10Page - Texas Instruments ULN2004ADE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
www.ti.com
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
SWITCHING CHARACTERISTICS
TA = 25°C
ULN2002A, ULN2003A,
ULN2004A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
μs
VOH
High-level output voltage after switching
VS = 50 V, IO = 300 mA, See Figure 10
VS – 20
mV
SWITCHING CHARACTERISTICS
TA = 25°C
ULN2003AI
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
μs
VOH
High-level output voltage after switching
VS = 50 V, IO ≈ 300 mA, See Figure 10
VS – 20
mV
SWITCHING CHARACTERISTICS
TA = –40°C to 105°C
ULN2003AI
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
μs
VOH
High-level output voltage after switching
VS = 50 V, IO ≈ 300 mA, See Figure 10
VS – 50
mV
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
ULQ2003A, ULQ2004A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
μs
VOH
High-level output voltage after switching
VS = 50 V, IO = 300 mA, See Figure 10
VS – 20
mV
Copyright © 1976–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com