Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ULN2004ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ULN2004ADE4
Descripción Electrónicos  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  ULN2004ADE4 Datasheet HTML 1Page - Texas Instruments ULN2004ADE4 Datasheet HTML 2Page - Texas Instruments ULN2004ADE4 Datasheet HTML 3Page - Texas Instruments ULN2004ADE4 Datasheet HTML 4Page - Texas Instruments ULN2004ADE4 Datasheet HTML 5Page - Texas Instruments ULN2004ADE4 Datasheet HTML 6Page - Texas Instruments ULN2004ADE4 Datasheet HTML 7Page - Texas Instruments ULN2004ADE4 Datasheet HTML 8Page - Texas Instruments ULN2004ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ULN2002A . . . N PACKAGE
ULN2003A . . . D, N, NS, OR PW PACKAGE
ULN2004A . . . D, N, OR NS PACKAGE
ULQ2003A, ULQ2004A . . . D OR N PACKAGE
(TOP VIEW)
1B
1
16
2B
2
15
3B
3
14
4B
4
13
5B
5
12
6B
6
11
7B
7
10
E
8
9
1C
2C
3C
4C
5C
6C
7C
COM
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
www.ti.com
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Check for Samples: ULN2002A, ULN2003A, ULN2003AI, ULN2004A, ULQ2003A, ULQ2004A
1
FEATURES
•
500-mA-Rated Collector Current (Single
Output)
•
High-Voltage Outputs: 50 V
•
Output Clamp Diodes
•
Inputs Compatible With Various Types of
Logic
•
Relay-Driver Applications
DESCRIPTION
The ULN2002A, ULN2003A, ULN2003AI, ULN2004A, ULQ2003A, and ULQ2004A are high-voltage high-current
Darlington transistor arrays. Each consists of seven npn Darlington pairs that feature high-voltage outputs with
common-cathode clamp diodes for switching inductive loads. The collector-current rating of a single Darlington
pair is 500 mA. The Darlington pairs can be paralleled for higher current capability. Applications include relay
drivers, hammer drivers, lamp drivers, display drivers (LED and gas discharge), line drivers, and logic buffers.
For 100-V (otherwise interchangeable) versions of the ULN2003A and ULN2004A, see the SN75468 and
SN75469, respectively.
The ULN2002A is designed specifically for use with 14-V to 25-V PMOS devices. Each input of this device has a
Zener diode and resistor in series to control the input current to a safe limit. The ULN2003A and ULQ2003A have
a 2.7-k
Ω series base resistor for each Darlington pair for operation directly with TTL or 5-V CMOS devices. The
ULN2004A and ULQ2004A have a 10.5-k
Ω series base resistor to allow operation directly from CMOS devices
that use supply voltages of 6 V to 15 V. The required input current of the ULN/ULQ2004A is below that of the
ULN/ULQ2003A, and the required voltage is less than that required by the ULN2002A.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1976–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ULN2004ADE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
513Kb / 19P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADE4 TI-ULN2004ADE4 Datasheet
859Kb / 26P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004ADE4 TI1-ULN2004ADE4 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
ULN2004ADE4 TI1-ULN2004ADE4 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
More results

Descripción similar - ULN2004ADE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com