Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ULN2004ADE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ULN2004ADE4
Descripción Electrónicos  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004ADE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ULN2004ADE4 Datasheet HTML 6Page - Texas Instruments ULN2004ADE4 Datasheet HTML 7Page - Texas Instruments ULN2004ADE4 Datasheet HTML 8Page - Texas Instruments ULN2004ADE4 Datasheet HTML 9Page - Texas Instruments ULN2004ADE4 Datasheet HTML 10Page - Texas Instruments ULN2004ADE4 Datasheet HTML 11Page - Texas Instruments ULN2004ADE4 Datasheet HTML 12Page - Texas Instruments ULN2004ADE4 Datasheet HTML 13Page - Texas Instruments ULN2004ADE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
Duty Cycle - %
600
100
0
10
20
30
40
50
60
70
80
90
100
200
300
400
500
TA = 70°C
N = Number of Outputs
Conducting Simultaneously
N = 6
N = 7
N = 5
N = 3
N = 2
N = 1
N = 4
0
II - Input Current - µA
500
200
0
25
50
75
100
125
150
175
50
100
150
200
250
300
350
400
450
VS = 10 V
VS = 8 V
RL = 10 Ω
TA = 25°C
2
1.5
1
0.5
700
600
500
400
300
200
100
0
800
2.5
IC(tot) - Total Collector Current - mA
0
II = 250 µA
II = 350 µA
II = 500 µA
TA = 25°C
0
IC - Collector Current - mA
2.5
800
0
100
200
300
400
500
600
700
0.5
1
1.5
2
II = 350 µA
II = 500 µA
TA = 25°C
II = 250 µA
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
COLLECTOR-EMITTER SATURATION VOLTAGE
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
vs
TOTAL COLLECTOR CURRENT (TWO DARLINGTONS IN
COLLECTOR CURRENT (ONE DARLINGTON)
PARALLEL)
Figure 11.
Figure 12.
D PACKAGE
COLLECTOR CURRENT
MAXIMUM COLLECTOR CURRENT
vs
vs
INPUT CURRENT
DUTY CYCLE
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 1976–2013, Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com