Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ690SP13TR Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza VNQ690SP13TR
Descripción Electrónicos  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ690SP13TR Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ690SP13TR Datasheet HTML 1Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 2Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 3Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 4Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 5Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 6Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 7Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 8Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
December 2008
Rev 3
1/26
26
VNQ690SP
Quad channel high side solid state relay
Features
CMOS compatible inputs
Off state open load detection
Undervoltage and overvoltage shutdown
Overvoltage clamp
Thermal shutdown
Current limitation
Very low standby power dissipation
Protection against loss of ground and loss of
VCC
Reverse battery protection(a)
Description
The VNQ690SP is a monolithic device made by
using| STMicroelectronics VIPower M0-3
Technology, intended for driving resistive or
inductive loads with one side connected to
ground.
This device has four independent channels. Built-
in thermal shutdown and output current limitation
protect the chip from over temperature and short
circuit.
Type
RDS(on)
IOUT
VCC
VNQ690SP
90m
(1)
1.
Per each channel.
10A
36V
a.
See Application schematic on page 16
PowerSO-10
1
10
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-10
VNQ690SP
VNQ690SP13TR
www.st.com


Número de pieza similar - VNQ690SP13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VNQ690SP STMICROELECTRONICS-VNQ690SP Datasheet
188Kb / 19P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
July 2004 Rev. 1
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ690SPTR-E STMICROELECTRONICS-VNQ690SPTR-E Datasheet
187Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
More results

Descripción similar - VNQ690SP13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VNQ05XSP16 STMICROELECTRONICS-VNQ05XSP16 Datasheet
247Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Jun-2003
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
03-Dec-2008
VNQ690SP STMICROELECTRONICS-VNQ690SP Datasheet
188Kb / 19P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
July 2004 Rev. 1
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Apr-2004
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com