Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ690SP13TR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza VNQ690SP13TR
Descripción Electrónicos  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ690SP13TR Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ690SP13TR Datasheet HTML 1Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 2Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 3Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 4Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 5Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 6Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 7Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 8Page - STMicroelectronics VNQ690SP13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
VNQ690SP
Block diagram and pin description
5/26
1
Block diagram and pin description
Figure 1.
Block diagram
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and not connected pins
Connection / pin
Status
N.C.
Output
Input
Floating
X
X
X
X
To ground
X
Through 10K
resistor
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP. 1
OVERTEMP. 2
ILIM2
DEMAG 2
ILIM1
DEMAG 1
INPUT 1
INPUT 2
GND
VCC
OUTPUT 1
OUTPUT 2
DRIVER 2
DRIVER 1
LOGIC
OVERTEMP. 3
OVERTEMP. 4
ILIM4
DEMAG 4
ILIM3
DEMAG 3
INPUT 3
INPUT 4
OUTPUT 3
OUTPUT 4
DRIVER 4
DRIVER 3
STATUS
STATUS
OPEN LOAD
OFF-STATE
1
2
3
4
5
6
7
8
9
10
11
GND
OUTPUT 4
OUTPUT 3
OUTPUT 2
OUTPUT 1
STATUS
INPUT 4
INPUT 3
INPUT 2
INPUT 1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com