Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046BVF Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TUSB2046BVF
Descripción Electrónicos  4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046BVF Datasheet(HTML) 5 Page - Texas Instruments

  TUSB2046BVF Datasheet HTML 1Page - Texas Instruments TUSB2046BVF Datasheet HTML 2Page - Texas Instruments TUSB2046BVF Datasheet HTML 3Page - Texas Instruments TUSB2046BVF Datasheet HTML 4Page - Texas Instruments TUSB2046BVF Datasheet HTML 5Page - Texas Instruments TUSB2046BVF Datasheet HTML 6Page - Texas Instruments TUSB2046BVF Datasheet HTML 7Page - Texas Instruments TUSB2046BVF Datasheet HTML 8Page - Texas Instruments TUSB2046BVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TUSB2046B
TUSB2046BI
www.ti.com
SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
3.6
V
VI
Input voltage range
–0.5
VCC + 0.5
V
VO
Output voltage range
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 V or VI < VCC
±20
mA
IOK
Output clamp current
VO < 0 V or VO < VCC
±20
mA
Tstg
Storage temperature range
–65
150
°C
TUSB2046B
0
70
TA
Operating free-air temperature range
°C
TUSB2046BI
–40
85
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage levels are with respect to GND.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
NOM
MAX
UNIT
TUSB2046B
3
3.3
3.6
VCC
Supply voltage
V
TUSB2046BI
3.3
3.6
VI
Input voltage, TTL/LVCMOS
0
VCC
V
VO
Output voltage, TTL/LVCMOS
0
VCC
V
VIH(REC)
High-level input voltage, signal-ended receiver
2
VCC
V
VIL(REC)
Low-level input voltage, signal-ended receiver
0.8
V
VIH(TTL)
High-level input voltage, TTL/LVCMOS
2
VCC
V
VIL(TTL)
Low-level input voltage, TTL/LVCMOS
0
0.8
V
TUSB2046B
0
70
TA
Operating free-air temperature
°C
TUSB2046BI
–40
85
R(DRV)
External series, differential driver resistor
22 (–5%)
22 (5%)
Ω
f(OPRH)
Operating (dc differential driver) high speed mode
12
Mb/s
f(OPRL)
Operating (dc differential driver) low speed mode
1.5
Mb/s
VICR
Common mode, input range, differential receiver
0.8
2.5
V
tt
Input transition times, TTL/LVCMOS
0
25
ns
TJ
Junction temperature range
–40
115
°C
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TUSB2046B TUSB2046BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com