Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046BVF Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TUSB2046BVF
Descripción Electrónicos  4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046BVF Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB2046BVF Datasheet HTML 11Page - Texas Instruments TUSB2046BVF Datasheet HTML 12Page - Texas Instruments TUSB2046BVF Datasheet HTML 13Page - Texas Instruments TUSB2046BVF Datasheet HTML 14Page - Texas Instruments TUSB2046BVF Datasheet HTML 15Page - Texas Instruments TUSB2046BVF Datasheet HTML 16Page - Texas Instruments TUSB2046BVF Datasheet HTML 17Page - Texas Instruments TUSB2046BVF Datasheet HTML 18Page - Texas Instruments TUSB2046BVF Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Ω
Ω
Ω
Ω
Ω
Ω
1.5 kΩ
Ω
Ω
NOTES: A.
B.
C. LDO is a 5-V-to-3.3-V voltage regulator
D. All USB DP, DM signal pairs require series resistors of approximately 27
TPS2044, TPS2042, and SN75240 are Texas Instruments devices. The TPS2042 can be substituted for the TPS2044. The
outputs of the TPS204n are open drain. A 10-k pullup is recommended.
120 µF per hub is the minimum required per the USB specification. However, TI recommends a 100-µF, low ESR,
tantalum capacitor per port for immunity to voltage droop.
OCn
Ω
Ω to ensure proper termination. An optional filter
capacitor of about 22 pF is recommended for EMI suppression. This capacitor, if used, must be placed between the hub
terminal and the series resistor, as per section 7.1.6 of the USB specification.
SN75240
A
SN75240
A
SN75240
A
TPS2044
A
100 µF
B
100 µF
B
100 µF
B
3.3 V LDO
C
D
100 µF
B
TUSB2046B
TUSB2046BI
www.ti.com
SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013
Self-Powered Hub, Ganged-Port Power Management
The TUSB2046B can also be implemented for ganged-port power management in a self-powered configuration.
The implementation is very similar to the bus-powered example with the exception that a self-powered port
supplies 500 mA of current to each downstream port. The overcurrent protection can be provided by a TPS2044
quad device or a TPS2024 single power switch.
Figure 12. TUSB2046B Self-Powered Hub, Ganged-Port Power-Management Application
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TUSB2046B TUSB2046BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com