Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TUSB2046BVF Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TUSB2046BVF
Descripción Electrónicos  4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046BVF Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB2046BVF Datasheet HTML 5Page - Texas Instruments TUSB2046BVF Datasheet HTML 6Page - Texas Instruments TUSB2046BVF Datasheet HTML 7Page - Texas Instruments TUSB2046BVF Datasheet HTML 8Page - Texas Instruments TUSB2046BVF Datasheet HTML 9Page - Texas Instruments TUSB2046BVF Datasheet HTML 10Page - Texas Instruments TUSB2046BVF Datasheet HTML 11Page - Texas Instruments TUSB2046BVF Datasheet HTML 12Page - Texas Instruments TUSB2046BVF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Printer
With 4-Port Hub
(Self-Powered)
Scanner
Digital
Scanner
PC
With Root Hub
Monitor
With 4-Port Hub (Self-Powered)
TUSB2046B
TUSB2046BI
www.ti.com
SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013
APPLICATION INFORMATION
A major advantage of USB is the ability to connect 127 functions configured in up to 6 logical layers (tiers) to a
single personal computer (see Figure 5).
Figure 5. USB-Tiered Configuration Example
Another advantage of USB is that all peripherals are connected using a standardized four-wire cable that
provides both communication and power distribution. The power configurations are bus-powered and self-
powered modes. The maximum current that may be drawn from the USB 5-V line during power up is 100 mA.
For the bus-powered mode, a hub can draw a maximum of 500 mA from the 5-V line of the USB cable. A bus-
powered hub must always be connected downstream to a self-powered hub unless it is the only hub connected
to the PC and there are no high-powered functions connected downstream. In the self-powered mode, the hub is
connected to an external power supply and can supply up to 500 mA to each downstream port. High-powered
functions may draw a maximum of 500 mA from each downstream port and may only be connected downstream
to self-powered hubs. Per the USB specification, in the bus-powered mode, each downstream port can provide a
maximum of 100 mA of current, and in the self-powered mode, each downstream port can provide a maximum of
500 mA of current.
Both bus-powered and self-powered hubs require overcurrent protection for all downstream ports. The two types
of protection are individual-port management (individual-port basis) or ganged-port management (multiple-port
basis). Individual-port management requires power-management devices for each individual downstream port,
but adds robustness to the USB system because, in the event of an overcurrent condition, the USB host only
powers down the port that has the condition. The ganged configuration uses fewer power management devices
and thus has lower system costs, but in the event of an overcurrent condition on any of the downstream ports, all
the ganged ports are disabled by the USB host.
Using a combination of the BUSPWR and EEDATA/GANGED inputs, the TUSB2046B supports four modes of
power management: bus-powered hub with either individual-port power management or ganged-port power
management, and the self-powered hub with either individual-port power management or ganged-port power
management. Texas Instruments supplies the complete hub solution with the TUSB2036 (2/3-port), TUSB2046B,
and the TUSB2077 (7-port) hubs along with the power-management devices needed to implement a fully USB
specification-compliant system.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TUSB2046B TUSB2046BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com