Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DM3725CBC Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DM3725CBC
Descripción Electrónicos  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 79 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 75Page - Texas Instruments DM3725CBC Datasheet HTML 76Page - Texas Instruments DM3725CBC Datasheet HTML 77Page - Texas Instruments DM3725CBC Datasheet HTML 78Page - Texas Instruments DM3725CBC Datasheet HTML 79Page - Texas Instruments DM3725CBC Datasheet HTML 80Page - Texas Instruments DM3725CBC Datasheet HTML 81Page - Texas Instruments DM3725CBC Datasheet HTML 82Page - Texas Instruments DM3725CBC Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued)
BALL
PIN NAME [2]
MODE [3]
TYPE [4]
BALL RESET BALL RESET RESET REL. POWER [8]
HYS [9]
BUFFER
PULLUP
IO CELL [12]
NUMBER [1]
STATE [5]
REL. STATE MODE [7]
STRENGTH
/DOWN
[6]
(mA) [10]
TYPE [11]
hsusb2_stp
3
O
gpio_25
4
IO
mm2_rxdp
5
IO
hw_dbg13
7
O
AC10
etk_d12
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_dir
3
I
gpio_26
4
IO
hw_dbg14
7
O
AD11
etk_d13
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_nxt
3
I
gpio_27
4
IO
mm2_rxdm
5
IO
hw_dbg15
7
O
AC11
etk_d14
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_ data0
3
IO
gpio_28
4
IO
mm2_rxrcv
5
IO
hw_dbg16
7
O
AD12
etk_d15
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_ data1
3
IO
gpio_29
4
IO
mm2_txse0
5
IO
hw_dbg17
7
O
E16, F15,
vdds_mem
0
PWR
-
-
-
-
-
-
-
-
F16, G15,
G16, H15, J6,
J7, J8, K6,
K7, K8
F12, F13,
vdd_core
0
PWR
-
-
-
-
-
-
-
-
G12, G13,
H12, H13,
J17, J18,
K17, K18,
K19, L14,
L15, M14,
M15, R17,
R18, R19,
T17, T18,
T19, T20
F10, G9,
vdd_mpu_iva
0
PWR
-
-
-
-
-
-
-
-
G10, H9,
H10, J9, J10,
L11, L12, M6,
M7, M8, M12,
N6, N7, N8,
R6, R7, R8,
T7, T8, U12,
U13, V12,
V13, W12,
W13
H8
vdds_x
0
PWR
-
-
-
-
-
-
-
-
M17, M18,
vdds
0
PWR
-
-
-
-
-
-
-
-
M19, N17,
N18, N19,
U10, V9, V10,
W9, W10, Y9
N24
vdds_mmc1
0
PWR
-
-
-
-
-
-
-
-
Y12
cap_vddu_
0
PWR
-
-
-
-
-
-
-
-
wkup_logic
U8
cap_vdd_sram_mpu_ 0
PWR
-
-
-
-
-
-
-
-
iva
H17
cap_vdd_sram_core
0
PWR
-
-
-
-
-
-
-
-
G18
vdda_dplls_dll
0
PWR
-
-
-
-
-
-
-
-
U17
vdda_dpll_per
0
PWR
-
-
-
-
-
-
-
-
AA12
vdds_sram
0
PWR
-
-
-
-
-
-
-
-
AA13
vdda_wkup_bg_bb
0
PWR
-
-
-
-
-
-
-
-
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
79
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More