Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DM3725CBC Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DM3725CBC
Descripción Electrónicos  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 82 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 78Page - Texas Instruments DM3725CBC Datasheet HTML 79Page - Texas Instruments DM3725CBC Datasheet HTML 80Page - Texas Instruments DM3725CBC Datasheet HTML 81Page - Texas Instruments DM3725CBC Datasheet HTML 82Page - Texas Instruments DM3725CBC Datasheet HTML 83Page - Texas Instruments DM3725CBC Datasheet HTML 84Page - Texas Instruments DM3725CBC Datasheet HTML 85Page - Texas Instruments DM3725CBC Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
2.4
Multiplexing Characteristics
Table 2-4 provides a description of the multiplexing on the CBP, CBC, and CUS packages, respectively.
Note: The following does not take into account subsystem pin multiplexing options. Subsystem pin
multiplexing options are described in Section 2.5, Signal Description. For more information, see the
System Control Module / System Control Module Functional Description / Pad Functional Multiplexing and
Configuration section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
Table 2-4. Multiplexing Characteristics
CBP
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE
7
Bottom
Top
Bottom
Top
NA
J2
NA
D1
D7
sdrc_d0
NA
J1
NA
G1
C5
sdrc_d1
NA
G2
NA
G2
C6
sdrc_d2
NA
G1
NA
E1
B5
sdrc_d3
NA
F2
NA
D2
D9
sdrc_d4
NA
F1
NA
E2
D10
sdrc_d5
NA
D2
NA
B3
C7
sdrc_d6
NA
D1
NA
B4
B7
sdrc_d7
NA
B13
NA
A10
B11
sdrc_d8
NA
A13
NA
B11
C12
sdrc_d9
NA
B14
NA
A11
B12
sdrc_d10
NA
A14
NA
B12
D13
sdrc_d11
NA
B16
NA
A16
C13
sdrc_d12
NA
A16
NA
A17
B14
sdrc_d13
NA
B19
NA
B17
A14
sdrc_d14
NA
A19
NA
B18
B15
sdrc_d15
NA
B3
NA
B7
C9
sdrc_d16
NA
A3
NA
A5
E12
sdrc_d17
NA
B5
NA
B6
B8
sdrc_d18
NA
A5
NA
A6
B9
sdrc_d19
NA
B8
NA
A8
C10
sdrc_d20
NA
A8
NA
B9
B10
sdrc_d21
NA
B9
NA
A9
D12
sdrc_d22
NA
A9
NA
B10
E13
sdrc_d23
NA
B21
NA
C21
E15
sdrc_d24
NA
A21
NA
D20
D15
sdrc_d25
NA
D22
NA
B19
C15
sdrc_d26
NA
D23
NA
C20
B16
sdrc_d27
NA
E22
NA
D21
C16
sdrc_d28
NA
E23
NA
E20
D16
sdrc_d29
NA
G22
NA
E21
B17
sdrc_d30
NA
G23
NA
G21
B18
sdrc_d31
NA
AB21
NA
AA18
C18
sdrc_ba0
NA
AC21
NA
V20
D18
sdrc_ba1
NA
N22
NA
G20
A4
sdrc_a0
NA
N23
NA
K20
B4
sdrc_a1
NA
P22
NA
J20
D6
sdrc_a2
NA
P23
NA
J21
B3
sdrc_a3
NA
R22
NA
U21
B2
sdrc_a4
NA
R23
NA
R20
C3
sdrc_a5
NA
T22
NA
M21
E3
sdrc_a6
NA
T23
NA
M20
F6
sdrc_a7
NA
U22
NA
N20
E10
sdrc_a8
NA
U23
NA
K21
E9
sdrc_a9
82
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More